Electronic Components Datasheet Search
  English  ▼

X  

4710 Datasheet(PDF) 3 Page - 3M Electronics

Part # 4710
Description  3M??Novec??4710 Insulating Gas
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4710 Datasheet(HTML) 3 Page - 3M Electronics

  4710 Datasheet HTML 1Page - 3M Electronics 4710 Datasheet HTML 2Page - 3M Electronics 4710 Datasheet HTML 3Page - 3M Electronics 4710 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Applications
• Versatile insulating gas for medium and high
voltage applications including gas insulated lines,
gas insulated switchgear and circuit breakers
• Mix with inert gases for electric power industry
applications
• Wide range of applications
Safety and Handling
Before using this product, please read the current Safety
Data Sheet (available at 3M.com/SDS or through your
3M sales or technical service representative) and the
precautionary statement on the product package and
labels. Follow all applicable precautions and directions.
Environmental Properties
3M™ Novec™ 4710 Insulating Gas
SF6
Atmospheric Lifetime (years)
30
3,200
Global Warming Potential
(100-yr ITH, IPCC
2013 method)
2,100
23,500
Ozone Depletion
Potential (CFC-11 = 1)
0
0
Pressure (psia)
40
35
30
25
20
15
10
5
0
0
5
10
15
20
25
Dielectric Breakdown Voltage Compared to SF6
(Uniform field using parallel disk electrodes with 0.1 inch gap)
Not for specification purposes. All values @ 77°F unless otherwise specified.
Novec 4710 gas
SF₆
Dielectric Breakdown Voltage of Novec 4710 Gas Compared to SF₆
(Uniform field using parallel disk electrodes with 0.1 inch gap)
Not for specification purposes. All values @ 77°F unless otherwise specified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com