Electronic Components Datasheet Search
  English  ▼

X  

1710 Datasheet(PDF) 3 Page - 3M Electronics

Part # 1710
Description  3M??Novec??1710 Electronic Grade Coating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1710 Datasheet(HTML) 3 Page - 3M Electronics

  1710 Datasheet HTML 1Page - 3M Electronics 1710 Datasheet HTML 2Page - 3M Electronics 1710 Datasheet HTML 3Page - 3M Electronics 1710 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Safety, handling, storage and shelf life
To avoid thermal decomposition, the coating solution should not be heated above 150°C (302°F), and the dried fluorinated
polymer should not be heated to temperatures above 225°C (437°F); which, in general, is lower than the onset of thermal
degradation under TGA test conditions. See SDS for thermal degradation products. When stored under conditions of
16-27°C (60-80°F) and less than 60% R.H. in the original, unopened container, the shelf life is certified for four years. Before
using this product, please read the current product Safety Data Sheet (available through your 3M sales or technical service
representative or at www.3M.com/Novec) and the precautionary statement on the product package. Follow all applicable
precautions and directions. Always practice smart and safe industrial hygiene practices. Do not spray apply without proper
ventilation and/or personal protective equipment (PPE).
Resources
For more information on 3M™ Novec™ products or to contact a 3M representative, visit
3M.com/Novec.
Application techniques
Coating can be applied by spray, dip, brush or selectively deposited as per the safety and handling requirements stated
in the Safety Data Sheet (SDS). Water should be kept out of coating bath as contact will interfere with coating deposition.
Surfaces to be coated should be clean and dry before application. Masking may not be required for larger connector types,
but testing is always suggested. The solvent will evaporate quickly, and the fluorinated polymer film will dry in minutes.
Application Options
Dip, brush and selective dispense
Dilution
Can be diluted with 3M™ Novec™ 7100DL Engineered Fluid
Drying/Curing
Dries at room temperature; can be handled in under two minutes
Removability
3M™ Novec™ 72DA Engineered Fluid (preferred) or removable with Novec 7100DL Engineered Fluid



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com