Electronic Components Datasheet Search
  English  ▼

X  

82-F Datasheet(PDF) 2 Page - 3M Electronics

Part # 82-F
Description  3M™ Scotchcast™ Flexible Power Cable Splicing Kits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

82-F Datasheet(HTML) 2 Page - 3M Electronics

  82-F Datasheet HTML 1Page - 3M Electronics 82-F Datasheet HTML 2Page - 3M Electronics 82-F Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M™ Scotchcast™ Flexible Power Cable Splicing Kits 82-F and 82-BF
2 of 3
Applications
3M™ Scotchcast™ Flexible Power Cable Splicing Kits 82-F and 82-BF Series may be
used to splice or re-jacket non-shielded portable power cable and portable cords:
For inline single-conductor cables rated up to 5 kV
For tap single-conductor cables rated up to 1 kV
For inline and tap multi-conductor cables rated up to 1 kV
For mine portable cable rated 600/2000 Volts (07-KA060002-MSHA)
For use with compression inline connectors (82-F) and compression "C" tap
connectors (82-BF)
Sizing
A. Splice Selection Table
Kit Number
Cable O.D.
Range
Inches(mm)
Connector
Type
Number of
Conductors
Connection
Max. O.D.
Inches(mm)
Voltage
Rating
(Maximum)
Conductor
Size Range
(AWG)
82-F1
0.25-0.80
(6-20)
Compression
Inline
1
0.62 (16)
Connector
5000
6-1/0
Multi
0.90 (23)
Connector
Bundle
1000*
**
82-F2
0.80-1.20
(20-30)
Compression
Inline
1
0.82 (21)
Connector
5000
2/0-4/0
Multi
1.30 (33)
Connector
Bundle
1000*
**
82-BF1
0.25-0.80
(6-20)
Compression
“C” Tap
1
--
1000*
up to 1/0
Multi
--
1000*
**
*Mine portable cable rating of 600/2000 Volts.
**Base multi-conductor selection on cable O.D. range
.
B. Typical Dimensions
Kit Number
Dimensions
Inches (mm)
L*
D
H
W
82-F1
8.0 (203)
1.1 (29)
--
--
82-F2
11.5 (292)
1.6 (40)
--
--
82-BF1
8.3 (211)
--
2.2 (56)
1.1 (28)
* ”L” based on length of untrimmed mold. Trimming of mold ends to fit cable diameter reduces this dimension
accordingly.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com