Electronic Components Datasheet Search
  English  ▼

X  

82-F Datasheet(PDF) 3 Page - 3M Electronics

Part # 82-F
Description  3M™ Scotchcast™ Flexible Power Cable Splicing Kits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

82-F Datasheet(HTML) 3 Page - 3M Electronics

  82-F Datasheet HTML 1Page - 3M Electronics 82-F Datasheet HTML 2Page - 3M Electronics 82-F Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3M™ Scotchcast™ Flexible Power Cable Splicing Kits 82-F and 82-BF
3 of 3
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to
be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and
determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any
statements related to the product, which are not contained in 3M’s current publications, or any contrary statements
contained on your purchase order, shall have no force or effect unless expressly agreed upon, in writing, by an authorized
officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER
WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive
remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product.
Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or
damage arising from this 3M product, regardless of the legal theory asserted.
3M, Scotchcast, Scotch, Three-M-Ite, and Elek-Tro-Cut are trademarks of 3M Company.
3
Electrical Markets Division
6801 River Place Blvd.
Austin, TX 78726-9000
800.245.3573
FAX: 800.245.0329
www.3M.com/electrical
Please recycle
© 3M 2012 All rights reserved
78-8141-5199-5 A
Installation
3M™ Scotchcast Flexible Power Cable Splicing Kits 82-F and 82-BF are designed for use
with compression inline connectors (82-F) and compression "C" tap connectors (82-BF).
Typical De-Mold/Cure Time:
To test for cure, the compound in the splice mold funnels is checked for tack. When the
compound is no longer tacky, the splice is considered ready to de-mold. Full strength and
bond are attained after the resin has fully cured. Cure and de-mold time may vary,
depending on ambient conditions. Some approximate times are indicated in the table below.
Ambient
Temperature
Approximate
De-Mold Time
Approximate
Cure Time
70°F (21°C)
1.5 – 2 hrs
16 – 24 hrs
50°F (10°C)
3.5 – 4 hrs
24 – 30 hrs
32°F (0°C)
6 – 8 hrs
36+ hrs
Below 32°F (0°C)
Not recommended
NOTE: Values are typical, not to be considered minimum or maximum. Always
confirm that material is no longer tacky prior to de-molding.
EHS
CAUTION
Working around energized electrical systems may cause serious injury or death. Installation
should be performed by personnel familiar with good safety practice in handling electrical
equipment. De-energize and ground all electrical systems before installing product.
Read all Health Hazard, Precautionary and First Aid statements found in the Material Safety
Data Sheet (MSDS) and/or product label prior to handling or use.
Shelf Life &
Storage
This product has a 3-year shelf life from date of manufacture when stored in a humidity
controlled storage (10°C/50°F to 27°C/80°F and <75% relative humidity).
Availability
Pease contact your local distributor; available from 3M.com/electrical [Where to Buy] or
call 1.800.245.3573.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com