Electronic Components Datasheet Search
  English  ▼

X  

IL9270 Datasheet(PDF) 5 Page - Integral Corp.

Part # IL9270
Description  DTMF RECEIVER High-Performance Silicon-Gate CMOS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL9270 Datasheet(HTML) 5 Page - Integral Corp.

  IL9270 Datasheet HTML 1Page - Integral Corp. IL9270 Datasheet HTML 2Page - Integral Corp. IL9270 Datasheet HTML 3Page - Integral Corp. IL9270 Datasheet HTML 4Page - Integral Corp. IL9270 Datasheet HTML 5Page - Integral Corp. IL9270 Datasheet HTML 6Page - Integral Corp. IL9270 Datasheet HTML 7Page - Integral Corp. IL9270 Datasheet HTML 8Page - Integral Corp. IL9270 Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IL9270
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND, VCC = 5 V ± 5%,
TA = -10 to +70°C)
Guaranteed Limits
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIH
Minimum High-Level
Input Voltage
VOUT =5 V
3.6
V
VIL
Maximum Low-Level
Input Voltage
VOUT =5 V
1.4
V
VOH
Minimum High-Level
Output Voltage
No Load
4.97
V
VOL
Maximum Low-Level
Output Voltage
No Load
0.05
V
IIN
Maximum Input Leakage
Current
VIN=VCC or GND
±0.1
µA
ISO
Maximum Pull Up
(Source) Current
OE = 0 V
24
µA
IOL
Minimum Output-Low
(Sink) Current
VOUT =0.4 V
0.8
mA
IOH
Minimum Output-High
(Source) Current
VOUT =4.6 V
0.35
mA
ICC
Maximum Quiescent
Supply Current (per
Package)
VIN =VCC
11
mA
VTSt
Steering Threshold
Voltage
2.2
2.5
V
RIN
Input Impedance (Signal
Inputs 1,2)
@ 1 KHz
8
M
Ω
VREF
Output Voltage
No Load
2.4
2.8
V
ROR
Output Resistance
10
k
Ω
IOZ
Maximum Three-State
Leakage current
Output in High-
Impedance State
VIN =VIL
VOUT=VCC or GND
±0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com