Electronic Components Datasheet Search
  English  ▼

X  

IL9270 Datasheet(PDF) 2 Page - Integral Corp.

Part # IL9270
Description  DTMF RECEIVER High-Performance Silicon-Gate CMOS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL9270 Datasheet(HTML) 2 Page - Integral Corp.

  IL9270 Datasheet HTML 1Page - Integral Corp. IL9270 Datasheet HTML 2Page - Integral Corp. IL9270 Datasheet HTML 3Page - Integral Corp. IL9270 Datasheet HTML 4Page - Integral Corp. IL9270 Datasheet HTML 5Page - Integral Corp. IL9270 Datasheet HTML 6Page - Integral Corp. IL9270 Datasheet HTML 7Page - Integral Corp. IL9270 Datasheet HTML 8Page - Integral Corp. IL9270 Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IL9270
PIN DESCRIPTIONS
NAME
PIN
DESCRIPTION
ESt
16
Early steering output. Presents a logic high immediately when the digital
algorithm detects a recognizable tone-pair (signal condition). Any momentary
loss of signal condition will cause ESt to return to a logic low.
GS
3
Gain Select. Gives access to output of front-end differential amplifier for
connection of feedback resistor.
IC
5,6
Internal Connection. Must be tied to GND.
IN+
1
Non-Inverting Input
Connections to the front-end
IN-
2
Inverting Input
differential amplifier.
C1
7
Clock Input
3.579545 MHz crystal connected between
C2
8
Clock Output
these pins completes internal oscillator.
Q1-Q4
11-14
3-state data outputs. When enabled by OE, provide the code corresponding to the
last valid tone-pair received.
StD
15
Delayed steering output. Presents a logic high when a received tone-pair has been
registered and the output latch updated; returns to logic low when the voltage on
St/GT falls below VTSt.
St/GT
17
Steering input/guard time output (bi-directional). A voltage greater than VTSt,
detected at St causes the device to register the detected tone-pair and update the
output latch. A voltage less than VTSt frees the device to accept a new tone-pair.
The GT output acts to reset the external steering time-constant; its state is a
function of ESt and the voltage on St.
OE
10
3-state output enable (input). Logic high enables the outputs Q1-Q4. Internal
pull-up.
VCC
18
Positive power supply, +5 V.
VREF
4
Reference voltage output, nominally VCC /2. May be used to bias the inputs at
mid-rail.
GND
9
Negative power supply, normally connected to 0 V.
FUNCTIONAL DESCRIPTION
The IL9270 monolithic DTMF receivers offer small size,
low power consumption and high performance. The
architecture consists of a bandsplit filter section, which
separates the high and low tones of a receiver pair,
followed by a digital counting section which verifies the
frequency and duration of the received tones before
passing the corresponding code to the output bus.
Filter Section
Separation of the low-group and high-group tones is
achieved byapplying the dual-tone signal to the inputs of
two filters - a sixth order for the high group and an eight
order for the low group. The band-widths of which
correspond to the bands enclosing the low-group and
high-group tones (see Figure 1). The filter section also
incorporates
notches
at
350 Hz
and
440 Hz
for
exceptional dial-tone rejection. Each filter output is
followed by a second order switched-capacitor section
which smooths the signals prior to limiting. Limiting is
performed by high-gain comparators which are provided
with hysteresis to prevent detection of unwanted low-
level signals and noise; the outputs of the comparators
provide full-rail logic swings at the frequencies of the
incoming tones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com