Electronic Components Datasheet Search
  English  ▼

X  

RFD8P06TM Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # RFD8P06TM
Description  P-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

RFD8P06TM Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  RFD8P06TM Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd RFD8P06TM Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P-Channel 60-V (D-S) MOSFET
FEATURES
•
TrenchFET® Power MOSFET
•
100 % UIS Tested
APPLICATIONS
• Load Switch
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
- 60
0.066 at VGS = - 10 V
-
20
40 nC
0.08
0 at VGS = - 4.5 V
-
18
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
-
20a
A
TC = 70 °C
- 16
TA = 25 °C
11b
TA = 70 °C
- 9b
Pulsed Drain Current
IDM
- 1
00
Avalanche Current Pulse
L = 0.1 mH
IAS
-
35
Single Pulse Avalanche Energy
EAS
101
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
29a
A
TA = 25 °C
2.1b
Maximum Power Dissipation
TC = 25 °C
PD
35a
W
TC = 70 °C
20 a
TA = 25 °C
3.0b
TA = 70 °C
2b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb
Steady State
RthJA
33
40
°C/W
Maximum Junction-to-Case
Steady State
RthJC
0.98
1.2
TO-251
S
D
G
Top View
-
-
-
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
RFD8P06TM
1


Similar Part No. - RFD8P06TM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD8P06 INTERSIL-RFD8P06 Datasheet
87Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
RFD8P06E FAIRCHILD-RFD8P06E Datasheet
128Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
logo
Inchange Semiconductor ...
RFD8P06E ISC-RFD8P06E Datasheet
288Kb / 2P
isc P-Channel MOSFET Transistor
logo
Intersil Corporation
RFD8P06ESM INTERSIL-RFD8P06ESM Datasheet
87Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
More results

Similar Description - RFD8P06TM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com