Electronic Components Datasheet Search
  English  ▼

X  

F1240 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1240
Description  Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1240 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1240 Datasheet HTML 1Page - Renesas Technology Corp F1240 Datasheet HTML 2Page - Renesas Technology Corp F1240 Datasheet HTML 3Page - Renesas Technology Corp F1240 Datasheet HTML 4Page - Renesas Technology Corp F1240 Datasheet HTML 5Page - Renesas Technology Corp F1240 Datasheet HTML 6Page - Renesas Technology Corp F1240 Datasheet HTML 7Page - Renesas Technology Corp F1240 Datasheet HTML 8Page - Renesas Technology Corp F1240 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Dual Channel IF Digital Variable Gain Amplifier
10MHz to 500MHz
F1240
Datasheet
© 2018 Integrated Device Technology, Inc.
1
September 11, 2018
Description
The F1240 is a dual channel IF variable gain amplifier for diversity
basestation receivers. Each channel has 31.5dB of total
attenuation and a 0.5dB attenuation step. The device offers
significantly better noise and distortion performance than currently
available devices. It is packaged in a compact 5mm x 5mm QFN
with 200Ω differential input and output impedances for ease of
integration into the receiver lineup.
Competitive Advantage
The F1240 IF VGA improves system signal-to-noise (SNR),
especially at lower gain settings. With IDT’s proprietary FlatNoiseTM
technology both OIP3 and noise figure are kept virtually flat while
gain is backed off, enhancing SNR significantly under high level
interferer conditions, and greatly benefiting 2G/3G/4G Multi-Carrier
IF sampling receivers.
The fast settling time, less than 15ns, gain step of 0.5dB coupled
with the excellent differential linearity allow for signal to noise ratio
(SNR) to be maximized further by targeting the minimum necessary
gain in small, accurate increments.
The matched output does not require a terminating resistor, thus
the gain and distortion performance are preserved when driving
bandpass anti-alias filters.
See the Applications Information section for more details and
benefits of the F1240 in IF sampling receivers.
Typical Applications
Base Station 2G, 3G, 4G, TDD radio cards
Repeaters and E911 systems
Digital Pre-Distortion
Point to Point Infrastructure
Public Safety Infrastructure
Features
Ideal for systems with high SNR requirements
20dB typical Maximum Gain
31.5dB gain control range
6 bit control via serial or parallel control
0.5dB Gain Steps
Excellent Noise Figure : 4.0dB
NF degrades just 1.3dB @ 10dB below Max Gain
200Ω Differential Matched Input
200Ω Differential Matched Output
No termination resistors required
10MHz – 500MHz frequency range
Ultra-Linear: OIP3 +47dBm typical
Excellent 2nd Harmonic Rejection
External current setting resistors
Very fast settling < 15ns
Individual Power Down Modes
Extremely Low Power: 80mA / Chan
5 × 5 32-QFN package
Block Diagram
Figure 1. Block Diagram
Bias
Control
ISET [2]
VCC
Logic
Decoder
STBY_B
OUT_B+
OUT_B-
OUT_A+
OUT_A-
IN_B+
IN_B-
IN_A+
IN_A-
VMODE
STBY_A
CLK
DATA
CSb
Parallel [12]
FlatNoiseTM


Similar Part No. - F1240

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1240 POLYFET-F1240 Datasheet
41Kb / 2P
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
More results

Similar Description - F1240

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFDA0045 RFMD-RFDA0045 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 10MHZ TO 850MHZ
logo
Integrated Device Techn...
IDTF1240NBGI IDT-IDTF1240NBGI Datasheet
1Mb / 23P
Dual Intermediate Frequency Digital Variable Gain Amplifier
IDTF1241 IDT-IDTF1241 Datasheet
1Mb / 20P
Dual IF Digital Variable Gain Amplifier
logo
BeRex Corporation
BVA303 BEREX-BVA303_18 Datasheet
1Mb / 16P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA304 BEREX-BVA304_18 Datasheet
5Mb / 29P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
DIGITAL VARIABLE GAIN AMPLIFIER
logo
Renesas Technology Corp
F1241 RENESAS-F1241 Datasheet
1Mb / 21P
Dual IF Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com