Electronic Components Datasheet Search
  English  ▼

X  

F1240 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1240
Description  Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1240 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1240 Datasheet HTML 9Page - Renesas Technology Corp F1240 Datasheet HTML 10Page - Renesas Technology Corp F1240 Datasheet HTML 11Page - Renesas Technology Corp F1240 Datasheet HTML 12Page - Renesas Technology Corp F1240 Datasheet HTML 13Page - Renesas Technology Corp F1240 Datasheet HTML 14Page - Renesas Technology Corp F1240 Datasheet HTML 15Page - Renesas Technology Corp F1240 Datasheet HTML 16Page - Renesas Technology Corp F1240 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
© 2018 Integrated Device Technology, Inc.
13
September 11, 2018
F1240 Datasheet
Typical Performance Characteristics
Figure 20. Output IP3 versus Frequency
[Maximum Gain]
Figure 21. Second Harmonic versus Frequency
[Maximum Gain]
Figure 22. Output P1B Compression versus
Frequency [Maximum Gain]
Figure 23. Noise Figure versus Frequency
[Maximum Gain]
20
25
30
35
40
45
50
55
0
100
200
300
400
500
600
Frequency (MHz)
-40 C
+25 C
+105 C
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
100
200
300
400
500
600
Frequency (MHz)
-40 C
+25 C
+105 C
14
15
16
17
18
19
20
21
22
0
100
200
300
400
500
600
Frequency (MHz)
-40 C
+25 C
+105 C
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
Frequency (MHz)
-40 C
+25 C
+105 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com