Electronic Components Datasheet Search
  English  ▼

X  

F1420 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1420
Description  RF Amplifier 700MHz to 1.1GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1420 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1420 Datasheet HTML 1Page - Renesas Technology Corp F1420 Datasheet HTML 2Page - Renesas Technology Corp F1420 Datasheet HTML 3Page - Renesas Technology Corp F1420 Datasheet HTML 4Page - Renesas Technology Corp F1420 Datasheet HTML 5Page - Renesas Technology Corp F1420 Datasheet HTML 6Page - Renesas Technology Corp F1420 Datasheet HTML 7Page - Renesas Technology Corp F1420 Datasheet HTML 8Page - Renesas Technology Corp F1420 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RF Amplifier
700MHz to 1.1GHz
F1420
Datasheet
© 2018 Integrated Device Technology, Inc.
1
Rev O January 23, 2018
Description
The F1420 is a high gain / high linearity RF amplifier used in high-
performance RF applications. The F1420 provides 17.4dB gain
with +42dBm OIP3 and 4.5dB noise figure at 960MHz. This device
uses a single 5V supply and 105mA of ICC.
In typical base stations, RF amplifiers are used in the RX and TX
traffic paths to boost signal levels. The F1420 amplifier offers very
high reliability due to its construction using silicon die in a QFN
package.
Competitive Advantage
In typical base stations, RF amplifiers are used in the RX and TX
traffic paths to boost signal levels. The F1420 amplifier offers very
high reliability due to its construction using silicon die in a QFN
package.
Typical Applications
Multi-mode, multi-carrier transmitters
GSM850/900 base stations
PCS1900 base stations
DCS1800 base stations
WiMAX and LTE base stations
UMTS/WCDMA 3G base stations
PHS/PAS base stations
Public safety infrastructure
Features
Broadband 700MHz to 1.1GHz
17.4dB typical gain at 960MHz
4.5dB noise figure at 960MHz
+42dBm OIP3 at 960MHz
+23.2dBm output P1dB at 960MHz
Single 5V supply voltage
ICC = 105mA
-40°C to +105°C operating temperature
50Ω single-ended input / output impedances
Standby mode for power savings
4mm x 4mm, 24-pin QFN package
Block Diagram
Figure 1. Block Diagram
Zero-DistortionTM
RF IN
RF OUT
STBY
VCC


Similar Part No. - F1420

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1420 IDT-F1420 Datasheet
2Mb / 19P
RF Amplifier
F1420EVBI IDT-F1420EVBI Datasheet
2Mb / 19P
RF Amplifier
logo
Renesas Technology Corp
F1420EVKITREV1 RENESAS-F1420EVKITREV1 Datasheet
2Mb / 17P
RF Amplifier 1.7GHz to 2.2GHz
logo
Integrated Device Techn...
F1420NLGK IDT-F1420NLGK Datasheet
2Mb / 19P
RF Amplifier
F1420NLGK8 IDT-F1420NLGK8 Datasheet
2Mb / 19P
RF Amplifier
More results

Similar Description - F1420

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
Dual 700MHz, 200mA Operational Amplifier
logo
Micrel Semiconductor
MICRF500 MICREL-MICRF500 Datasheet
143Kb / 18P
700MHz to 1.1GHz RadioWire RF Transceiver
logo
List of Unclassifed Man...
SPT104 ETC1-SPT104 Datasheet
98Kb / 6P
DC TO 1.1GHz LINEAR AMPLIFIER
logo
Cadeka Microcircuits LL...
KH104 CADEKA-KH104 Datasheet
323Kb / 6P
DC to 1.1GHz Linear Amplifier
logo
RF Micro Devices
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
Integrated Power Amplifier 700MHz to 950MHz
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
700MHz to 2.7GHz 5V 1W Power Amplifier
logo
Fairchild Semiconductor
KH104 FAIRCHILD-KH104 Datasheet
268Kb / 6P
DC to 1.1GHz Linear Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com