Electronic Components Datasheet Search
  English  ▼

X  

F1420 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F1420
Description  RF Amplifier 700MHz to 1.1GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1420 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F1420 Datasheet HTML 12Page - Renesas Technology Corp F1420 Datasheet HTML 13Page - Renesas Technology Corp F1420 Datasheet HTML 14Page - Renesas Technology Corp F1420 Datasheet HTML 15Page - Renesas Technology Corp F1420 Datasheet HTML 16Page - Renesas Technology Corp F1420 Datasheet HTML 17Page - Renesas Technology Corp F1420 Datasheet HTML 18Page - Renesas Technology Corp F1420 Datasheet HTML 19Page - Renesas Technology Corp F1420 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
© 2018 Integrated Device Technology, Inc.
16
Rev O January 23, 2018
F1420 Datasheet
Ordering Information
Orderable Part Number
Package
MSL Rating Shipping Packaging
Temperature
F1420NLGK
4mm x 4mm x 0.9mm 24-pin QFN (NLG24P1)
1
Tray
-40° to +105°C
F1420NLGK8
4mm x 4mm x 0.9mm 24-pin QFN (NLG24P1)
1
Reel
-40° to +105°C
F1420EVBI
Evaluation Board
Marking Diagram
IDTF14
20NLGK
ZA721FTG
Line 1 and 2 are the part number.
Line 3 “ZA” is for die version.
Line 3 “721” is one digit for the year and week that the part was assembled.
Line 3 “FTG” denotes the production process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com