Electronic Components Datasheet Search
  English  ▼

X  

F1423 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1423
Description  TX Differential Input RF Amplifier 600 MHz to 3000 MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1423 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1423 Datasheet HTML 9Page - Renesas Technology Corp F1423 Datasheet HTML 10Page - Renesas Technology Corp F1423 Datasheet HTML 11Page - Renesas Technology Corp F1423 Datasheet HTML 12Page - Renesas Technology Corp F1423 Datasheet HTML 13Page - Renesas Technology Corp F1423 Datasheet HTML 14Page - Renesas Technology Corp F1423 Datasheet HTML 15Page - Renesas Technology Corp F1423 Datasheet HTML 16Page - Renesas Technology Corp F1423 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
F1423
Rev O 11/6/2015
13
TOCS [TRANSFORMER BOARD, OIP3, P1dB, NOISE FIGURE, ICC, MID-BAND BIAS](-6-)
OIP3 vs. Vcc and TCASE
Noise Figure vs. Vcc and TCASE
Output P1dB vs. Vcc and TCASE
Icc vs. Vcc and TCASE
10
15
20
25
30
35
40
45
50
55
60
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
Frequency (GHz)
4.75V, -40C
5.00V, -40C
5.25V, -40C
4.75V, 25C
5.00V, 25C
5.25V, 25C
4.75V, 105C
5.00V, 105C
5.25V, 105C
4
4.5
5
5.5
6
6.5
7
7.5
8
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
Frequency (GHz)
4.75V, -40C
5.00V, -40C
5.25V, -40C
4.75V, 25C
5.00V, 25C
5.25V, 25C
4.75V, 105C
5.00V, 105C
5.25V, 105C
18
19
20
21
22
23
24
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
Frequency (GHz)
4.75V, -40C
5.00V, -40C
5.25V, -40C
4.75V, 25C
5.00V, 25C
5.25V, 25C
4.75V, 105C
5.00V, 105C
5.25V, 105C
100
105
110
115
120
125
130
135
140
4.75
5
5.25
Vcc (Volts)
-40C
25C
105C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com