Electronic Components Datasheet Search
  English  ▼

X  

F1423 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # F1423
Description  TX Differential Input RF Amplifier 600 MHz to 3000 MHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1423 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button F1423 Datasheet HTML 19Page - Renesas Technology Corp F1423 Datasheet HTML 20Page - Renesas Technology Corp F1423 Datasheet HTML 21Page - Renesas Technology Corp F1423 Datasheet HTML 22Page - Renesas Technology Corp F1423 Datasheet HTML 23Page - Renesas Technology Corp F1423 Datasheet HTML 24Page - Renesas Technology Corp F1423 Datasheet HTML 25Page - Renesas Technology Corp F1423 Datasheet HTML 26Page - Renesas Technology Corp F1423 Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
F1423
Zero-Distortion
TM, TX Amplifier
24
EVKIT OPERATION
The F1423 EVkits (single ended and differential) have a number of control features available.
STBY (2 pin Header J5)
Two-pin header J5 can be used to set the part for operational or standby mode. Leaving the two J5
pins unconnected will place it in the operational mode. Connecting the two J5 pins together will pull
up the STBY pin to Vcc through R4 and place the part into the standby mode.
Band_Sel (2 pin Header J4)
Two-pin header J4 can be used to set the part for best operational performance in different RF bands.
Based on Table 2 above the Low-Band performance is best with these two J4 pins left open while the
other bands typically have these two pins shorted together.
RF Band Biasing (RBIAS1, RBIAS2, Band_Sel)
Below are 4 settings showing the recommended J4, J7, and J8 jumper connections for best linearity
performance in the different RF bands. The jumpers (shown in red below) select the RBIAS1 and
RBIAS2 resistor values along with the Band_Sel setting (see Table 2 above). Never have two shunts
installed at the same time on header J7 since this may produce excessive bias current and damage
the part.
Broad-Band
Low-Band
Mid-Band
High-Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com