Electronic Components Datasheet Search
  English  ▼

X  

F1471 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1471
Description  0.5W High Linearity RF Amplifier 400MHz to 4200MHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1471 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1471 Datasheet HTML 1Page - Renesas Technology Corp F1471 Datasheet HTML 2Page - Renesas Technology Corp F1471 Datasheet HTML 3Page - Renesas Technology Corp F1471 Datasheet HTML 4Page - Renesas Technology Corp F1471 Datasheet HTML 5Page - Renesas Technology Corp F1471 Datasheet HTML 6Page - Renesas Technology Corp F1471 Datasheet HTML 7Page - Renesas Technology Corp F1471 Datasheet HTML 8Page - Renesas Technology Corp F1471 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Datasheet
F1471
0.5W High Linearity RF Amplifier 400MHz to 4200MHz
Rev.1.0
Oct.16.20
Page 1
The F1471 is a high linearity RF Driver Amplifier
designed to operate within the 400MHz to 4200MHz
frequency band. Using a single 5V power supply
and only 130mA of ICQ, the F1471 provides 15dB of
gain and 3.8dB of noise figure, and 29dBm OP1dB
at 3600MHz.
The F1471 is packaged in a 3 × 3 mm, 16-VFQFPN
package, with matched 50Ω input and output
impedances for ease of integration into the signal
path.
Competitive Advantage
•
Excellent linearity maintained over large
bandwidths
•
OIP3 linearity configurable with bias current
adjustments
•
Exceptional OP1dB performance maintained at
low bias currents
•
Robust ESD Performance
o
1.5kV HBM ESD rating
o
1kV CDM ESD rating
•
Includes on-chip DC overvoltage and RF
overdrive protection
Features
•
RF range: 400MHz to 4200MHz
•
15dB typical gain at 3600MHz
•
3.8dB NF at 3600MHz
•
+29dBm output P1dB at 3600MHz
•
5V power supply
•
Adjustable DC bias
•
Bias control compatible for 3.3V and 5V VREF
operation allowing power-down mode for power
savings
•
50Ω single-ended input and output impedances
•
Internal DC overvoltage protection
•
Internal RF overdrive protection
•
On-chip ESD protection
•
Operating temperature (TEP) range: -40°C to
+115°C
•
3 × 3 mm, 16-VFQFPN package
Applications
•
4G/5G cellular base stations
•
Multi-mode, multi-carrier transmitters
•
Active antenna systems
•
General purpose wireless
RFIN
RFOUT
Bias
Figure 1. Block Diagram


Similar Part No. - F1471

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F1471 LITTELFUSE-F1471 Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
F1471-ND LITTELFUSE-F1471-ND Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
More results

Similar Description - F1471

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
logo
API Delevan
BXMP1170 API-BXMP1170 Datasheet
293Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1171 API-BXMP1171 Datasheet
282Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1172 API-BXMP1172 Datasheet
292Kb / 3P
Ultra High Linearity RF Amplifier
BXMP1173 API-BXMP1173 Datasheet
205Kb / 3P
Ultra High Linearity RF Amplifier
logo
RF Micro Devices
RFLA1022 RFMD-RFLA1022 Datasheet
1Mb / 17P
Low Noise, High Linearity Amplifier 400MHz to 1500MHz
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
logo
Renesas Technology Corp
F1475 RENESAS-F1475 Datasheet
118Kb / 3P
1W High Linearity RF Amplifier 3300MHz to 4200MHz
F1495 RENESAS-F1495 Datasheet
118Kb / 3P
1W High Linearity RF Amplifier 3300MHz to 4200MHz
F1475 RENESAS-F1475_V01 Datasheet
309Kb / 2P
1W High Linearity RF Amplifier 1350MHz to 2800MHz
Nov 19, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com