Electronic Components Datasheet Search
  English  ▼

X  

F1471 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F1471
Description  0.5W High Linearity RF Amplifier 400MHz to 4200MHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1471 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F1471 Datasheet HTML 14Page - Renesas Technology Corp F1471 Datasheet HTML 15Page - Renesas Technology Corp F1471 Datasheet HTML 16Page - Renesas Technology Corp F1471 Datasheet HTML 17Page - Renesas Technology Corp F1471 Datasheet HTML 18Page - Renesas Technology Corp F1471 Datasheet HTML 19Page - Renesas Technology Corp F1471 Datasheet HTML 20Page - Renesas Technology Corp F1471 Datasheet HTML 21Page - Renesas Technology Corp F1471 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
F1471 Datasheet
Rev.1.0
Oct.16.20
Page 18
Table 4. Evaluation Kit Bill of Material (BOM) – 3800MHz to 4200MHz Tune
Part Reference
Qty
Description
Manufacturer Part #
Manufacturer
C4
1
5.1nH ±0.1nH, 160mA, film Inductor (0402)
LQP15MN5N1B02
Murata
C5
1
1.2pF ±0.05pF, 50V, C0G Ceramic Capacitor (0402)
GJM1555C1H1R2WB01
Murata
C3, C6, C7, C8, C11
5
1000pF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C1H102JA01
Murata
C1, C12
2
47uF ±20%, 10V, C0G Ceramic Capacitor (0805)
GRM21BR61A476ME15
Murata
C9
1
100nF ±10%, 50V, C0G Ceramic Capacitor (0402)
GRM1555C81H104KE14
Murata
C10
1
DNI
C18
1
1.0pF ±0.05pF, 50V, C0G Ceramic Capacitor (0402)
GJM1555C1H1R0WB01
Murata
L1, L3, R6
3
0Ω Jumper 0.063W, 1/16W Chip Resistor (0402)
CRCW04020000Z0ED
Vishay Dale
L2
1
3.3nH ±2%, 250MHz, Ceramic Chip Inductor (0603)
0603CS-3N3XGE
Coilcraft
R4
1
0.5pF ±0.05, 50V, COG Ceramic Capacitor (0402)
GRMC1HR50WA01
Murata
R5
1
Vref at 3.3V:
174Ω ±0.5%, 0.063W, 1/16W Resistor
(0402)
TNPW0402174RDEED
Vishay Dale
Vref at 5V:
2.5kΩ ±0.1%, 0.063W, 1/16W Resistor
(0402)
TNPW04022K52BEED
Vishay Dale
R7
DNP
J2, J3, J4, J8
4
Edge Launch SMA (0.375-inch pitch ground, tab, 50
Ω)
142-0701-851
Emerson Johnson
J6
1
CONN HEADER VERT DBL 5x2 POS GOLD
961210-6404-AR
3M
J7
1
CONN HEADER VERT SGL 2x1 POS GOLD
961102-6404-AR
3M
EVB
1
F1471_Evkit_Solder_Rev.03
Renesas
Module
1
F1471YAA
Renesas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com