Electronic Components Datasheet Search
  English  ▼

X  

F1956 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1956
Description  7-Bit 0.25 dB Wideband Digital Step Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1956 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1956 Datasheet HTML 1Page - Renesas Technology Corp F1956 Datasheet HTML 2Page - Renesas Technology Corp F1956 Datasheet HTML 3Page - Renesas Technology Corp F1956 Datasheet HTML 4Page - Renesas Technology Corp F1956 Datasheet HTML 5Page - Renesas Technology Corp F1956 Datasheet HTML 6Page - Renesas Technology Corp F1956 Datasheet HTML 7Page - Renesas Technology Corp F1956 Datasheet HTML 8Page - Renesas Technology Corp F1956 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
F1956
Datasheet
7-Bit 0.25 dB Wideband Digital Step Attenuator
1 to 6000 MHz
F1956, Rev 2 04/08/2016
GENERAL DESCRIPTION
This document describes the specification for the
F1956 Digital Step Attenuator. The F1956 is part of
IDT’s
Glitch-FreeTM family of DSAs optimized for the
demanding requirements of Base Station (BTS) radio
cards and numerous other non-BTS applications. This
device is offered in compact 5 mm x 5 mm 32-pin
package with 50
 input and output impedance for
ease of integration into the radio or RF system.
COMPETITIVE ADVANTAGE
The F1956 offers very high reliability due to its
construction from a monolithic silicon die in a QFN
package. The insertion loss is very low with minimal
distortion. Additionally the device is designed to have
extremely accurate attenuations levels. These
accurate attenuation level improves system SNR
and/or ACLR by ensuring system gain is as close to
targeted level as possible. Also, the very fast settling
time in parallel mode is ideal for fast switching
systems. Finally, the device is
Glitch-FreeTM with less
than 2 dB of ringing across the attenuation range in
stark contrast to competing DSAs that glitch as much
as 10 dB during MSB state changes.
Lowest insertion loss for best SNR
Glitch-FreeTM technology to protect PA or
ADC during transitions between attenuation
states.
Extremely accurate attenuation levels
Ultra low distortion
MSL1 and 2000 V HBM ESD
ORDERING INFORMATION
FEATURES
Serial & 7-bit Parallel Interface
31.75 dB Range
0.25 dB steps
Glitch-FreeTM: low transient overshoot
500 ns settling time
Ultra linear > 64 dBm IIP3
Low Insertion Loss < 1.7 dB @ 4 GHz
Attenuation error < ±0.2 dB @ 4 GHz
Bi-directional RF use
3.3 V or 5 V Supply
1.8 V or 3.3 V control logic
Low Current Consumption: 350 μA typical
-40 °C to +105 °C operating temperature
5 mm x 5 mm Thin QFN 32 pin package
FUNCTIONAL BLOCK DIAGRAM
Decoder
RF1
RF2
D[6:0]
SPI
Bias
A[2:0]
CLK DATA LE
VMODE
Glitch-FreeTM
Glitch-FreeTM
Part# Details
Part#
Freq Range
(MHz)
Resolution /
Range (dB)
Control
IL
(dB)
Pinout
F1950 150 - 4000 0.25 / 31.75 Parallel &
Serial
1.3
PE43702
PE43701
F1951 100 - 4000 0.50 / 31.5
Serial
Only
1.2
HMC305
F1952 100 – 4000 0.50 / 15.5
Serial
Only
0.9
HMC305
F1953 400 – 4000 0.50 / 31.5
Parallel &
Serial
1.3
PE4302
DAT-31R5
F1956
1 - 4000
0.25 / 31.75 Parallel &
Serial
1.4
PE43705,
PE43712,
RFSA3715
F1912 1 – 4000
0.50 / 31.5 Parallel &
Serial
1.6
PE4312
PE4302
F1956NBGI8
Green
Tape &
Reel


Similar Part No. - F1956

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1956 IDT-F1956 Datasheet
7Mb / 23P
7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1956 RENESAS-F1956 Datasheet
1Mb / 22P
6-Bit Digital Step Attenuator, 1MHz to 4000MHz
Nov 10, 2022
F1956 RENESAS-F1956 Datasheet
7Mb / 24P
7-Bit 0.25dB Wideband Digital Step Attenuator
April 21, 2023
logo
Integrated Device Techn...
F1956NBGI8 IDT-F1956NBGI8 Datasheet
7Mb / 23P
7-Bit 0.25 dB Wideband Digital Step Attenuator
More results

Similar Description - F1956

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC759LP3E HITTITE-HMC759LP3E Datasheet
471Kb / 8P
0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
HMC759LP3E HITTITE-HMC759LP3E_10 Datasheet
826Kb / 8P
0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
7-bit 0.25 dB Digital Step Attenuator
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
6-bit 0.5 dB Digital Step Attenuator
F1956 IDT-F1956 Datasheet
7Mb / 23P
7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
RF Digital Step Attenuator, 7-bit
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
logo
Integrated Device Techn...
F1951 IDT-F1951 Datasheet
1Mb / 20P
6-bit 0.5 dB Digital Step Attenuator
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
7-Bit, 75 W, Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com