Electronic Components Datasheet Search
  English  ▼

X  

F1956 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F1956
Description  7-Bit 0.25 dB Wideband Digital Step Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1956 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F1956 Datasheet HTML 14Page - Renesas Technology Corp F1956 Datasheet HTML 15Page - Renesas Technology Corp F1956 Datasheet HTML 16Page - Renesas Technology Corp F1956 Datasheet HTML 17Page - Renesas Technology Corp F1956 Datasheet HTML 18Page - Renesas Technology Corp F1956 Datasheet HTML 19Page - Renesas Technology Corp F1956 Datasheet HTML 20Page - Renesas Technology Corp F1956 Datasheet HTML 21Page - Renesas Technology Corp F1956 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
F1956
7-Bit 0.25 dB Wideband Digital Step Attenuator
PIN DESCRIPTION
Pin
Name
Function
1
DNC
This pin must be left open.
2
VDD
Main Supply. Use 3.3 V or 5 V. Bypass capacitor as close to pin as possible.
3
VMODE1
Logic low for parallel mode. Logic high or NC for serial mode.
4
A02
Address bit A0 connection.
5
GND
Connect directly to paddle ground or as close as possible to pin with thru
via. This pin is not internally connected
6
GND
Connect directly to paddle ground or as close as possible to pin with thru
via.
7
RF13
Device RF input or output (bi-directional). AC couple to this pin unless 0V
DC.
8 – 17
GND
Connect each pin directly to paddle ground or as close as possible to pin
with thru vias.
18
RF23
Device RF input or output (bi-directional). AC couple to this pin unless 0V
DC.
19
GND
Connect directly to paddle ground or as close as possible to pin with thru
via.
20
NC
No internal connection. These pins can be left unconnected, voltage
applied, or connected to ground (recommended).
21
A22
Address bit A2 connection
22
A12
Address bit A1 connection.
23
LE1
Serial interface latch enable input.
24
CLK1
Serial interface clock input.
25
DATA1
Serial interface data input.
26
D61
Parallel control bit, 16 dB. Ground pin if not used.
27
D51
Parallel control bit, 8 dB. Ground pin if not used.
28
D41
Parallel control bit, 4 dB. Ground pin if not used.
29
D31
Parallel control bit, 2 dB. Ground pin if not used.
30
D21
Parallel control bit, 1 dB. Ground pin if not used.
31
D11
Parallel control bit, 0.5 dB. Ground pin if not used.
32
D01
Parallel control bit, 0.25 dB. Ground pin if not used.
EP
Exposed
Paddle
Connect to Ground with multiple vias for good thermal and RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com