Electronic Components Datasheet Search
  English  ▼

X  

F1958 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1958
Description  7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1958 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1958 Datasheet HTML 1Page - Renesas Technology Corp F1958 Datasheet HTML 2Page - Renesas Technology Corp F1958 Datasheet HTML 3Page - Renesas Technology Corp F1958 Datasheet HTML 4Page - Renesas Technology Corp F1958 Datasheet HTML 5Page - Renesas Technology Corp F1958 Datasheet HTML 6Page - Renesas Technology Corp F1958 Datasheet HTML 7Page - Renesas Technology Corp F1958 Datasheet HTML 8Page - Renesas Technology Corp F1958 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
7-Bit 0.25dB Digital Step Attenuator
1MHz to 6GHz
F1958
Datasheet
© 2019 Integrated Device Technology, Inc.
1
November 13, 2019
Description
The F1958 is part of IDT’s Glitch-FreeTM family of DSAs optimized
for the demanding requirements of Base Station (BTS) radio cards
and numerous other applications. This device is offered in a
compact 4mm x 4mm 24-pin package with 50Ω input and output
impedance for ease of integration into the radio or RF system.
The F1958 offers very high reliability due to its construction from a
monolithic silicon die in a QFN package. The insertion loss is very
low with minimal distortion. Additionally, the device is designed to
have extremely accurate attenuation levels. These accurate
attenuation levels improve system SNR and/or ACLR by ensuring
system gain is as close to the targeted level as possible. In addition,
the very fast settling time in parallel mode is ideal for fast switching
systems. Finally, the device uses our Glitch-FreeTM technology in
contrast to competing DSAs.
Competitive Advantage
Lowest insertion loss for best SNR
Glitch-FreeTM technology to protect power amplifiers or ADC
during transitions between attenuation states
Extremely accurate attenuation levels
Ultra-low distortion
MSL1 and 2000 V HBM ESD
Typical Applications
3G/4G/4G+ Base Station Systems
Distributed Antenna Systems, DAS
Remote Radio Heads
Active Antenna Systems, AAS Broadband Satellite Equipment
NFC Infrastructure
Military Communication Equipment
Features
Serial and 7-bit parallel interface
31.75dB range
0.25dB steps
Glitch-FreeTM
: low transient overshoot
500ns settling time for 0.25dB steps
Ultra linear > 63dBm IIP3
Low insertion loss < 1.7dB at 4GHz
Attenuation error < ±0.2dB at 4GHz
Bi-directional RF use
3.3V or 5V supply
-40°C to +105°C operating temperature
4mm x 4mm Thin QFN 24-pin package
Block Diagram
Figure 1. Block Diagram
Decoder
RF1
RF2
SPI
Bias
Glitch-FreeTM


Similar Part No. - F1958

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1958 IDT-F1958 Datasheet
4Mb / 26P
7-Bit 0.25dB Digital Step At tenuator
F1958EVB IDT-F1958EVB Datasheet
4Mb / 26P
7-Bit 0.25dB Digital Step At tenuator
F1958EVS IDT-F1958EVS Datasheet
4Mb / 26P
7-Bit 0.25dB Digital Step At tenuator
F1958NBGK IDT-F1958NBGK Datasheet
4Mb / 26P
7-Bit 0.25dB Digital Step At tenuator
F1958NBGK8 IDT-F1958NBGK8 Datasheet
4Mb / 26P
7-Bit 0.25dB Digital Step At tenuator
More results

Similar Description - F1958

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4012-98F UMS-CHT4012-98F Datasheet
861Kb / 14P
DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-QDG UMS-CHT4012-QDG Datasheet
568Kb / 12P
DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-98F UMS-CHT4012-98F_15 Datasheet
872Kb / 14P
DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-QDG UMS-CHT4012-QDG_15 Datasheet
579Kb / 12P
DC-6GHz 6-BIT DIGITAL ATTENUATOR
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
7-bit 0.25 dB Digital Step Attenuator
logo
United Monolithic Semic...
CHT4012A98F UMS-CHT4012A98F Datasheet
903Kb / 14P
DC-6GHz 6-BIT DIGITAL ATTENUATOR
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
RF Digital Step Attenuator, 7-bit
logo
Integrated Device Techn...
F1958 IDT-F1958 Datasheet
4Mb / 26P
7-Bit 0.25dB Digital Step At tenuator
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
7-Bit, 75 W, Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com