Electronic Components Datasheet Search
  English  ▼

X  

F1958 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F1958
Description  7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1958 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F1958 Datasheet HTML 9Page - Renesas Technology Corp F1958 Datasheet HTML 10Page - Renesas Technology Corp F1958 Datasheet HTML 11Page - Renesas Technology Corp F1958 Datasheet HTML 12Page - Renesas Technology Corp F1958 Datasheet HTML 13Page - Renesas Technology Corp F1958 Datasheet HTML 14Page - Renesas Technology Corp F1958 Datasheet HTML 15Page - Renesas Technology Corp F1958 Datasheet HTML 16Page - Renesas Technology Corp F1958 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
© 2019 Integrated Device Technology, Inc.
13
November 13, 2019
F1958 Datasheet
Figure 28. Input IP3 vs Frequency [0dB]
Figure 29. Input IP3 vs Attenuation [2GHz]
Figure 30. Compression vs Input Power [2GHz]
Figure 31. Typical Switching Time for a 0.25dB
Attenuation Transition
Figure 32. Switching Time between Maximum
and Minimum Attenuation
50
55
60
65
70
75
0
1
2
3
4
5
6
7
8
Frequency (GHz)
50
55
60
65
70
75
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
-40 C / RF1
-40 C / RF2
+25 C / RF1
+25 C / RF2
+105 C / RF1
+105 C / RF2
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
16
18
20
22
24
26
28
30
32
34
36
Input Power (dBm)
0.00 dB
0.25 dB
0.50 dB
1.00 dB
2.00 dB
4.00 dB
6.00 dB
10.00 dB
12.00 dB
18.00 dB
24.00 dB
30.00 dB
31.75 dB
-6.50
-6.25
-6.00
-5.75
-5.50
-5.25
-5.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Time (µs)
5.50 dB to 5.75 dB
5.75 dB to 5.50 dB
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Time (µs)
0.00 to 31.75 dB
31.75 to 0.00 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com