Electronic Components Datasheet Search
  English  ▼

X  

F2251 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2251
Description  Voltage Variable RF Attenuator 50MHz to 6000MHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2251 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2251 Datasheet HTML 1Page - Renesas Technology Corp F2251 Datasheet HTML 2Page - Renesas Technology Corp F2251 Datasheet HTML 3Page - Renesas Technology Corp F2251 Datasheet HTML 4Page - Renesas Technology Corp F2251 Datasheet HTML 5Page - Renesas Technology Corp F2251 Datasheet HTML 6Page - Renesas Technology Corp F2251 Datasheet HTML 7Page - Renesas Technology Corp F2251 Datasheet HTML 8Page - Renesas Technology Corp F2251 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
F2251
Datasheet
© 2020 Renesas Electronics Corporation
1
February 18, 2020
Description
The F2251 is a low insertion loss Voltage Variable RF Attenuator
(VVA) designed for a multitude of wireless and RF applications.
The device covers a broad frequency range from 50MHz to
6000MHz. In addition to providing low insertion loss, the F2251
provides excellent linearity performance over its entire voltage
control and attenuation range.
The F2251 uses a single positive supply voltage of 3.15V to 5.25V.
Other features include an enhancement to the Phase Noise
performance of the device compared to its predecessor (F2250).
The device also features a positive attenuation slope only.
Competitive Advantage
The F2251 provides extremely low insertion loss and superb IP3,
IP2, Return Loss, and Slope Linearity across the control range.
Comparing to the previous state-of-the-art for silicon VVAs, this
device provides superior performance:
Insertion loss at 2000MHz: 1.4dB
Insertion loss at 6000MHz: 2.6dB
Maximum attenuation slope: 29dB/Volt
Minimum return loss up to 6000MHz: 14dB
Minimum output IP3 at maximum attenuation: 34dBm
Minimum input IP2: 95dBm
Maximum operating temperature: +105°C
Typical Applications
Base station 2G, 3G, 4G
Portable wireless
Repeaters and E911 systems
Digital pre-distortion
Point-to-Point infrastructure
Public safety infrastructure
WIMAX receivers and transmitters
Military systems, JTRS radios
RFID handheld and portable readers
Cable infrastructure
Wireless LAN
Test / ATE equipment
Features
Frequency range: 50MHz to 6000MHz
Low insertion loss: 1.4dB at 2000MHz
Typical/Minimum IIP3: 67dBm / 47dBm
Typical/Minimum IIP2: 105dBm / 95dBm
33.6dB attenuation range
Bi-directional RF ports
+34.4dBm Input P1dB compression
Enhanced phase noise performance
Linear-in-dB attenuation characteristic
Supply voltage: 3.15V to 5.25V
VCTRL range: 0V to 3.6V using 5V supply
+105°C maximum operating temperature
3 × 3 mm 16-VFQFPN package
Block Diagram
Figure 1. Block Diagram
Control
RF2
RF1


Similar Part No. - F2251

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2250 IDT-F2250 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2250 RENESAS-F2250 Datasheet
2Mb / 25P
Low Insertion Loss: 1.4dB @ 2000MHz 33.6dB Attenuation Range
F2250 RENESAS-F2250 Datasheet
2Mb / 27P
Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
More results

Similar Description - F2251

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
logo
Integrated Device Techn...
F2250 IDT-F2250 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
IDTF2255NLGK IDT-IDTF2255NLGK_18 Datasheet
2Mb / 26P
Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
50MHz to 6000MHz Gain Block
08-Jun-2021
logo
Renesas Technology Corp
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com