Electronic Components Datasheet Search
  English  ▼

X  

F2251 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F2251
Description  Voltage Variable RF Attenuator 50MHz to 6000MHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2251 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F2251 Datasheet HTML 9Page - Renesas Technology Corp F2251 Datasheet HTML 10Page - Renesas Technology Corp F2251 Datasheet HTML 11Page - Renesas Technology Corp F2251 Datasheet HTML 12Page - Renesas Technology Corp F2251 Datasheet HTML 13Page - Renesas Technology Corp F2251 Datasheet HTML 14Page - Renesas Technology Corp F2251 Datasheet HTML 15Page - Renesas Technology Corp F2251 Datasheet HTML 16Page - Renesas Technology Corp F2251 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
F2251 Datasheet
© 2020 Renesas Electronics Corporation
13
February 18, 2020
Typical Operating Conditions (Frequency = 2GHz, VDD = 3.3V)
Figure 28.
Input IP3
Figure 29.
Output IP3
Figure 30.
Input IP2
Figure 31.
Output IP2
Figure 32.
2nd Harmonic Intercept Point
Figure 33.
3rd Harmonic Intercept Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com