Electronic Components Datasheet Search
  English  ▼

X  

F2270 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2270
Description  75廓 Voltage Variable Attenuator 5MHz to 3000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2270 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2270 Datasheet HTML 1Page - Renesas Technology Corp F2270 Datasheet HTML 2Page - Renesas Technology Corp F2270 Datasheet HTML 3Page - Renesas Technology Corp F2270 Datasheet HTML 4Page - Renesas Technology Corp F2270 Datasheet HTML 5Page - Renesas Technology Corp F2270 Datasheet HTML 6Page - Renesas Technology Corp F2270 Datasheet HTML 7Page - Renesas Technology Corp F2270 Datasheet HTML 8Page - Renesas Technology Corp F2270 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
F2270 Datasheet
© 2019 Integrated Device Technology, Inc.
3
January 16, 2019
Pin Descriptions
Table 1.
Pin Descriptions
Number
Name
Description
1, 5 – 8, 12,
13
GND
Internally grounded. This pin must be grounded as close to the device as possible.
2, 4, 9, 11
NC
No internal connection. These pins can be left unconnected, have a voltage applied, or be connected to
ground (recommended).
3
RF1
RF Port 1. Matched to 75Ω. Since the RF pin internally has DC present, an external AC coupling capacitor
must be used. For low-frequency operation, increase the capacitor value to result in a low reactance at the
frequency of interest. An external series inductor of 2.4nH can also be used to improve the high frequency
match. This inductor, if used, should be placed as close to the device as possible.
10
RF2
RF Port 2. Matched to 75Ω. Since the RF pin internally has DC present, an external AC coupling capacitor
must be used. For low-frequency operation, increase the capacitor value to result in a low reactance at the
frequency of interest. An external series inductor of 2.8nH can also be used to improve the high frequency
match. This inductor, if used, should be placed as close to the device as possible.
14
VCTRL
Attenuator control voltage. Apply a voltage in the range specified in under “Recommended Operating
Conditions.” See the “Application Information” section for details about VCTRL. This pin is connected to an
internal 100kΩ series resistor that drives a biased voltage divider network.
15
VDD
Power supply input. Bypass to ground (GND) with capacitors as close as possible to the pin.
16
VMODE
Attenuator slope control. Set to logic LOW to enable negative attenuation slope (maximum attenuation at
maximum VCTRL). Set to logic HIGH to enable positive attenuation slope (maximum attenuation at minimum
VCTRL). This pin is internally connected to a 170kΩ pull-down resistor to ground.
– EPAD
Exposed paddle. Internally connected to ground. Solder this exposed paddle to a printed circuit board (PCB)
pad that uses multiple ground vias to provide heat transfer out of the device into the PCB ground planes.
These multiple ground vias are also required to achieve the specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com