Electronic Components Datasheet Search
  English  ▼

X  

F2270 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F2270
Description  75廓 Voltage Variable Attenuator 5MHz to 3000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2270 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F2270 Datasheet HTML 5Page - Renesas Technology Corp F2270 Datasheet HTML 6Page - Renesas Technology Corp F2270 Datasheet HTML 7Page - Renesas Technology Corp F2270 Datasheet HTML 8Page - Renesas Technology Corp F2270 Datasheet HTML 9Page - Renesas Technology Corp F2270 Datasheet HTML 10Page - Renesas Technology Corp F2270 Datasheet HTML 11Page - Renesas Technology Corp F2270 Datasheet HTML 12Page - Renesas Technology Corp F2270 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
F2270 Datasheet
© 2019 Integrated Device Technology, Inc.
9
January 16, 2019
Thermal Characteristics
Table 7.
Package Thermal Characteristics
Parameter
Symbol
Value
Units
Junction to Ambient Thermal Resistance
θJA
80.6
°C/W
Junction to Case Thermal Resistance
(case is defined as the exposed paddle)
θJC-BOT
5.1
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1
Typical Operating Conditions (TOCs)
Unless otherwise noted:
VDD = +5.0V
ZS = ZL = 75Ω
TEP = +25ºC
RF trace and connector losses removed for insertion loss and attenuation results. All other results include the PCB trace and connector
losses and mismatched effects.
PIN = 0dBm for all small signal tests
PIN = +20dBm/tone for two tone linearity tests (RF1 port driven)
Two tone frequency spacing
1MHz for 5MHz ≤ fRF < 50MHz
5MHz for 50MHz ≤ fRF < 500MHz
50MHz for 500MHz ≤ fRF < 3500MHz
All temperatures are referenced to the exposed paddle.
Extended band tuning uses L1 = 2.4nH and L2 = 2.8nH to improve RF1 and RF2 port match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com