Electronic Components Datasheet Search
  English  ▼

X  

5002 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 5002
Description  75廓 Voltage Variable Attenuator 5MHz to 3000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5002 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 5002 Datasheet HTML 19Page - Renesas Technology Corp 5002 Datasheet HTML 20Page - Renesas Technology Corp 5002 Datasheet HTML 21Page - Renesas Technology Corp 5002 Datasheet HTML 22Page - Renesas Technology Corp 5002 Datasheet HTML 23Page - Renesas Technology Corp 5002 Datasheet HTML 24Page - Renesas Technology Corp 5002 Datasheet HTML 25Page - Renesas Technology Corp 5002 Datasheet HTML 26Page - Renesas Technology Corp 5002 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
F2270 Datasheet
© 2019 Integrated Device Technology, Inc.
23
January 16, 2019
Evaluation Kit / Applications Circuit
Figure 60. Electrical Schematic
RF1
RF2
VCC
VCTRL
VCC
C2
VCTRL
MEAS
GND
J1
J2
L1
L2
75 ohm
transmission line
J4
C4
R5
J7
U1
GND
1
NC
2
RF1
3
NC
4
12
GND
11
NC
10
RF2
9
NC
F2270
J3
R3
R6
VCC
VCC
TP1
C1
R4
C3
C6
C5
R7
Thru Cal
J5
J6
TP2
TP3
75 ohm transmission line
75 ohm
transmission line
Voltage divider sets
logic 'Hi" level
for VMODE input.
VCC
R1
R2
R8
VCC
VMODE SET
LO
HI
C7
C8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com