Electronic Components Datasheet Search
  English  ▼

X  

5002 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 5002
Description  75廓 Voltage Variable Attenuator 5MHz to 3000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5002 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 5002 Datasheet HTML 22Page - Renesas Technology Corp 5002 Datasheet HTML 23Page - Renesas Technology Corp 5002 Datasheet HTML 24Page - Renesas Technology Corp 5002 Datasheet HTML 25Page - Renesas Technology Corp 5002 Datasheet HTML 26Page - Renesas Technology Corp 5002 Datasheet HTML 27Page - Renesas Technology Corp 5002 Datasheet HTML 28Page - Renesas Technology Corp 5002 Datasheet HTML 29Page - Renesas Technology Corp 5002 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
F2270 Datasheet
© 2019 Integrated Device Technology, Inc.
26
January 16, 2019
Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
www.idt.com/document/psc/16-vfqfpn-package-outline-drawing-30-x-30-x-09-mm-05-mm-170-x-170-mm-epad-nlnlg16p2
Marking Diagram
A01
637W
F2270
Line 1 “A01” is for lot code.
Line 2 “637” = has one digit for the year and week that the part was assembled.
Line 2 “W” is the assembler code.
Line 3 is the abbreviated part number.
Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping Packaging
Operating
Temperature
F2270NLGK
3.0 × 3.0 × 0.9 mm 16-VFQFPN
1
Tray
-40°C to +105°C
F2270NLGK8
3.0 × 3.0 × 0.9 mm 16-VFQFPN
1
Reel
-40°C to +105°C
F2270EVBI
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com