Electronic Components Datasheet Search
  English  ▼

X  

F2932 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F2932
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2932 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F2932 Datasheet HTML 3Page - Renesas Technology Corp F2932 Datasheet HTML 4Page - Renesas Technology Corp F2932 Datasheet HTML 5Page - Renesas Technology Corp F2932 Datasheet HTML 6Page - Renesas Technology Corp F2932 Datasheet HTML 7Page - Renesas Technology Corp F2932 Datasheet HTML 8Page - Renesas Technology Corp F2932 Datasheet HTML 9Page - Renesas Technology Corp F2932 Datasheet HTML 10Page - Renesas Technology Corp F2932 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
F2932
F2932, Rev 1 05/12/2016
7
High Reliability SP2T RF Switch
TYPICAL OPERATING CONDITIONS (- 1 -)
RF1 to RFC Insertion Loss
RF1 Port Match [On State]
RF1 Port Match [Terminated State]
RF2 to RFC Insertion Loss
RF2 Port Match [On State]
RF2 Port Match [Terminated State]
-2
-1.5
-1
-0.5
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.0V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.0V, 25C
5.5V, 25C
2.7V, 105C
3.3V, 105C
5.0V, 105C
5.5V, 105C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.0V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.0V, 25C
5.5V, 25C
2.7V, 105C
3.3V, 105C
5.0V, 105C
5.5V, 105C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.0V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.0V, 25C
5.5V, 25C
2.7V, 105C
3.3V, 105C
5.0V, 105C
5.5V, 105C
-2
-1.5
-1
-0.5
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.0V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.0V, 25C
5.5V, 25C
2.7V, 105C
3.3V, 105C
5.0V, 105C
5.5V, 105C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.0V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.0V, 25C
5.5V, 25C
2.7V, 105C
3.3V, 105C
5.0V, 105C
5.5V, 105C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.0V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.0V, 25C
5.5V, 25C
2.7V, 105C
3.3V, 105C
5.0V, 105C
5.5V, 105C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com