Electronic Components Datasheet Search
  English  ▼

X  

F2932 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F2932
Description  High Reliability SP2T RF Switch 50 MHz to 8000 MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2932 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F2932 Datasheet HTML 5Page - Renesas Technology Corp F2932 Datasheet HTML 6Page - Renesas Technology Corp F2932 Datasheet HTML 7Page - Renesas Technology Corp F2932 Datasheet HTML 8Page - Renesas Technology Corp F2932 Datasheet HTML 9Page - Renesas Technology Corp F2932 Datasheet HTML 10Page - Renesas Technology Corp F2932 Datasheet HTML 11Page - Renesas Technology Corp F2932 Datasheet HTML 12Page - Renesas Technology Corp F2932 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
F2932
F2932, Rev 1 05/12/2016
9
High Reliability SP2T RF Switch
TYPICAL OPERATING CONDITIONS (- 3 -)
RF1 to RFC Isolation [All Off State]
RF1 to RF2 Isolation [All Off State]
Input IP3 RF1 Port [TC operating = -40C to 105C]
RF2 to RFC Isolation [All Off State]
EVKIT PCB and Connector Thru Loss
Input IP3 RF2 Port [TC operating = -40C to 105C]
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.0V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.0V, 25C
5.5V, 25C
2.7V, 105C
3.3V, 105C
5.0V, 105C
5.5V, 105C
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.0V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.0V, 25C
5.5V, 25C
2.7V, 105C
3.3V, 105C
5.0V, 105C
5.5V, 105C
20
30
40
50
60
70
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
Frequency (GHz)
RF1, -55C, 2.5V
RF1, -55C, 3.3V
RF1, -55C, 5.5V
RF1, 25C, 2.5V
RF1, 25C, 3.3V
RF1, 25C, 5.5V
RF1, 120C, 2.5V
RF1, 120C, 3.3V
RF1, 120C, 5.5V
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V, -40C
3.3V, -40C
5.0V, -40C
5.5V, -40C
2.7V, 25C
3.3V, 25C
5.0V, 25C
5.5V, 25C
2.7V, 105C
3.3V, 105C
5.0V, 105C
5.5V, 105C
-1
-0.8
-0.6
-0.4
-0.2
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
-40C
25C
105C
20
30
40
50
60
70
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
Frequency (GHz)
RF2, -55C, 2.5V
RF2, -55C, 3.3V
RF2, -55C, 5.5V
RF2, 25C, 2.5V
RF2, 25C, 3.3V
RF2, 25C, 5.5V
RF2, 120C, 2.5V
RF2, 120C, 3.3V
RF2, 120C, 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com