Electronic Components Datasheet Search
  English  ▼

X  

F2972 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F2972
Description  High Linearity Broadband SP2T 5MHz to 10GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2972 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F2972 Datasheet HTML 2Page - Renesas Technology Corp F2972 Datasheet HTML 3Page - Renesas Technology Corp F2972 Datasheet HTML 4Page - Renesas Technology Corp F2972 Datasheet HTML 5Page - Renesas Technology Corp F2972 Datasheet HTML 6Page - Renesas Technology Corp F2972 Datasheet HTML 7Page - Renesas Technology Corp F2972 Datasheet HTML 8Page - Renesas Technology Corp F2972 Datasheet HTML 9Page - Renesas Technology Corp F2972 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
F2972 Datasheet
© 2017 Integrated Device Technology, Inc.
6
Rev O April 19, 2017
Electrical Characteristics
Table 5.
Electrical Characteristics - 75Ω SPECIFICATION
See F2972 75 Application Circuit. Specifications apply when operated with VCC = +3.3V, TEP = +25°C. ZS = ZL = 75 , EN = HIGH, single tone
signal applied at RF1 or RF2 and measured at RFC, EVKit trace and connector losses are de-embedded, unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Insertion Loss (RFC to RF1, RF2)
IL
fRF = 5MHz
0.20
dB
5MHz < fRF ≤ 204MHz
0.23
0.43 [b]
204MHz < fRF ≤ 1.2GHz
0.32
0.52
1.2GHz < fRF ≤ 1.8GHz
0.34
0.54
Isolation (All Paths)
ISO1
fRF = 5MHz
77
dB
5MHz < fRF ≤ 204MHz
60
204MHz < fRF ≤ 1.2GHz
44
1.2GHz < fRF ≤ 1.8GHz
40
Return Loss (RFC, RF1, RF2)
(Insertion Loss States)
RL
fRF = 5MHz
35
dB
5MHz < fRF ≤ 204MHz
30
204MHz < FRF ≤ 1.2GHz
17
1.2GHz < FRF ≤ 1.8GHz
16
2nd Harmonic
H2
fIN = 27MHz POUT = 20dBm [c]
-80
-70
dBc
fIN = 204MHz POUT = 20dBm
-100
-90
fIN = 800MHz POUT = 20dBm
-120
-110
3rd Harmonic
H3
fIN = 17MHz POUT = 20dBm
-95
-80
dBc
fIN = 204MHz POUT = 20dBm
-120
-105
fIN = 800MHz POUT = 20dBm
-115
-100
Input 0.1dB Compression Point [d]
(RFC to RF1, RF2)
P0.1dB
fRF = 5MHz
37
dBm
fRF =204MHz
37
fRF =1.8GHz
38
Composite Second Order
CSO
41 dBmV / channel
137 channels [e]
>100
dBc
Composite Triple Beat
CTB
>100
a. Items in min/max columns in bold italics are guaranteed by test.
b. Items in min/max columns that are not bold italics are guaranteed by design characterization.
c. dBmV = dBm [75 ] + 48.75.
d. The input 0.1dB compression point is a linearity figure of merit. Refer to Figure 3 for the maximum operating RF input
power levels.
e. Total power = -7.75dBm [75 ] + 10*log (137) = +13.62dBm [75 ].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com