Electronic Components Datasheet Search
  English  ▼

X  

F2972 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F2972
Description  High Linearity Broadband SP2T 5MHz to 10GHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2972 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F2972 Datasheet HTML 4Page - Renesas Technology Corp F2972 Datasheet HTML 5Page - Renesas Technology Corp F2972 Datasheet HTML 6Page - Renesas Technology Corp F2972 Datasheet HTML 7Page - Renesas Technology Corp F2972 Datasheet HTML 8Page - Renesas Technology Corp F2972 Datasheet HTML 9Page - Renesas Technology Corp F2972 Datasheet HTML 10Page - Renesas Technology Corp F2972 Datasheet HTML 11Page - Renesas Technology Corp F2972 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
F2972 Datasheet
© 2017 Integrated Device Technology, Inc.
8
Rev O April 19, 2017
Electrical Characteristics
Table 7.
Electrical Characteristics - 50Ω SPECIFICATION
See F2972 50
Application Circuit. Specifications apply when operated with VCC = +3.3V, TEP = +25°C. ZS = ZL = 50 , EN = HIGH, single tone
signal applied at RF1 or RF2 and measured at RFC, EVKit trace and connector losses are de-embedded, unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Input 0.1dB Compression [c]
P0.1dB
fRF = 2.4GHz
40
dBm
fRF = 6.0GHz
40
fRF = 8.0GHz
40
Input IP3
(RF1, RF2 to RFC)
IIP3
fRF = 2.4GHz
PIN = +24dBm/tone
100MHz spacing
77
dBm
Input IP2
(RF1, RF2 to RFC)
IIP2
f1 = 700MHz
f2 = 1.7GHz
PIN = +24dBm/tone
Measure 2.4GHz product
125
dBm
f1 = 2.4GHz
f2 = 3.5GHz
PIN = +24dBm/tone
Measure 5.9GHz product
120
Second Harmonic
(RF1, RF2 to RFC)
H2
fIN = 2.4GHz, PIN = +24dBm
-100
-90 [b]
dBc
fIN = 5.9GHz, PIN = +24dBm
-90
-80
Third Harmonic
(RF1, RF2 to RFC)
H3
fIN = 2.4GHz, PIN = +24dBm
-110
-95
dBc
fIN = 5.9GHz, PIN = +24dBm
-100
-85
Spurious Output
(No RF Applied)
PSPUR1
fOUT ≥ 5MHz
All unused ports terminated
-133
dBm
PSPUR2
fOUT < 5MHz
All unused ports terminated
-120
a. Items in min/max columns in bold italics are guaranteed by test.
b. Items in min/max columns that are not bold italics are guaranteed by design characterization.
c. The input 0.1dB compression point is a linearity figure of merit. Refer to Figure 3 for the maximum RF operating input
power levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com