Electronic Components Datasheet Search
  English  ▼

X  

2SB930 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB930
Description  Silicon PNP epitaxial planar type(For power amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB930 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB930 Datasheet HTML 1Page - Panasonic Semiconductor 2SB930 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SB930, 2SB930A
Silicon PNP epitaxial planar type
For power amplification
Complementary to 2SD1253 and 2SD1253A
s Features
q
High forward current transfer ratio hFE which has satisfactory linearity
q
Low collector to emitter saturation voltage VCE(sat)
q
N type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–60
–80
–60
–80
–5
–8
–4
40
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SB930
2SB930A
2SB930
2SB930A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICES
ICEO
IEBO
VCEO
hFE1
*
hFE2
VBE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCE = –60V, VBE = 0
VCE = –80V, VBE = 0
VCE = –30V, IB = 0
VCE = –60V, IB = 0
VEB = –5V, IC = 0
IC = –30mA, IB = 0
VCE = –4V, IC = –1A
VCE = –4V, IC = –3A
VCE = –4V, IC = –3A
IC = –4A, IB = – 0.4A
VCE = –10V, IC = – 0.1A, f = 1MHz
IC = –4A, IB1 = – 0.4A, IB2 = 0.4A
min
–60
–80
70
15
typ
20
0.2
0.5
0.2
max
–400
–400
–700
–700
–1
250
–2
–1.5
Unit
µA
µA
mA
V
V
V
MHz
µs
µs
µs
2SB930
2SB930A
2SB930
2SB930A
2SB930
2SB930A
*h
FE1 Rank classification
Rank
Q
P
hFE1
70 to 150
120 to 250
Unit: mm
1:Base
2:Collector
3:Emitter
N Type Package
8.5
±0.2
6.0
±0.5
1.5max.
0.8
±0.1
5.08
±0.5
2.54
±0.3
1.1max.
0.5max.
1.0
±0.1
3.4
±0.3
2
13
Unit: mm
8.5
±0.2
6.0
±0.3
3.4
±0.3
2.54
±0.3
5.08
±0.5
1.0
±0.1
0.8
±0.1
0 to 0.4
1.1 max.
R0.5
R0.5
123
1:Base
2:Collector
3:Emitter
N Type Package (DS)


Similar Part No. - 2SB930

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB930 PANASONIC-2SB930 Datasheet
75Kb / 3P
For Power Amplification
logo
Guangdong Kexin Industr...
2SB930 KEXIN-2SB930 Datasheet
1Mb / 2P
PNP Transistors
2SB930-P KEXIN-2SB930-P Datasheet
1Mb / 2P
PNP Transistors
2SB930-Q KEXIN-2SB930-Q Datasheet
1Mb / 2P
PNP Transistors
logo
Panasonic Semiconductor
2SB930A PANASONIC-2SB930A Datasheet
75Kb / 3P
For Power Amplification
More results

Similar Description - 2SB930

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1299 PANASONIC-2SB1299 Datasheet
53Kb / 3P
Silicon PNP epitaxial planar type(For power amplification)
2SB1393 PANASONIC-2SB1393 Datasheet
46Kb / 2P
Silicon PNP epitaxial planar type(For power amplification)
2SB1417 PANASONIC-2SB1417 Datasheet
55Kb / 3P
Silicon PNP epitaxial planar type(For power amplification)
2SB1548 PANASONIC-2SB1548 Datasheet
45Kb / 2P
Silicon PNP epitaxial planar type(For power amplification)
2SB1553 PANASONIC-2SB1553 Datasheet
52Kb / 3P
Silicon PNP epitaxial planar type(For power amplification)
2SB1554 PANASONIC-2SB1554 Datasheet
54Kb / 3P
Silicon PNP epitaxial planar type(For power amplification)
2SB1629 PANASONIC-2SB1629 Datasheet
53Kb / 3P
Silicon PNP epitaxial planar type(For power amplification)
2SB1631 PANASONIC-2SB1631 Datasheet
52Kb / 3P
Silicon PNP epitaxial planar type(For power amplification)
2SB1643 PANASONIC-2SB1643 Datasheet
56Kb / 3P
Silicon PNP epitaxial planar type(For power amplification)
2SB954 PANASONIC-2SB954 Datasheet
47Kb / 2P
Silicon PNP epitaxial planar type(For power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com