Electronic Components Datasheet Search
  English  ▼

X  

GLS27SF020 Datasheet(PDF) 21 Page - Greenliant systems

Part # GLS27SF020
Description  Many-Time Programmable Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS27SF020 Datasheet(HTML) 21 Page - Greenliant systems

Back Button GLS27SF020 Datasheet HTML 15Page - Greenliant systems GLS27SF020 Datasheet HTML 16Page - Greenliant systems GLS27SF020 Datasheet HTML 17Page - Greenliant systems GLS27SF020 Datasheet HTML 18Page - Greenliant systems GLS27SF020 Datasheet HTML 19Page - Greenliant systems GLS27SF020 Datasheet HTML 20Page - Greenliant systems GLS27SF020 Datasheet HTML 21Page - Greenliant systems GLS27SF020 Datasheet HTML 22Page - Greenliant systems GLS27SF020 Datasheet HTML 23Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit Many-Time Programmable Flash
GLS27SF512 / GLS27SF010 / GLS27SF020
21
©2010 Greenliant Systems, Ltd.
S71152-13-000
05/10
FIGURE 18: 32-lead Thin Small Outline Package (TSOP) 8mm x 14mm
Greenliant Package Code: WH
32-tsop-WH-7
Note:
1. Complies with JEDEC publication 95 MO-142 BA dimensions,
although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (max/min).
3. Coplanarity: 0.1 mm
4. Maximum allowable mold flash is 0.15 mm at the package ends, and 0.25 mm between leads.
1.20
max.
1mm
Pin # 1 Identifier
12.50
12.30
14.20
13.80
0.70
0.50
8.10
7.90
0.27
0.17
0.50
BSC
1.05
0.95
0.15
0.05
0.70
0.50
0˚- 5˚
DETAIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com