Electronic Components Datasheet Search
  English  ▼

X  

GLS27SF020 Datasheet(PDF) 4 Page - Greenliant systems

Part # GLS27SF020
Description  Many-Time Programmable Flash
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS27SF020 Datasheet(HTML) 4 Page - Greenliant systems

  GLS27SF020 Datasheet HTML 1Page - Greenliant systems GLS27SF020 Datasheet HTML 2Page - Greenliant systems GLS27SF020 Datasheet HTML 3Page - Greenliant systems GLS27SF020 Datasheet HTML 4Page - Greenliant systems GLS27SF020 Datasheet HTML 5Page - Greenliant systems GLS27SF020 Datasheet HTML 6Page - Greenliant systems GLS27SF020 Datasheet HTML 7Page - Greenliant systems GLS27SF020 Datasheet HTML 8Page - Greenliant systems GLS27SF020 Datasheet HTML 9Page - Greenliant systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
Data Sheet
512 Kbit / 1 Mbit / 2 Mbit Many-Time Programmable Flash
GLS27SF512 / GLS27SF010 / GLS27SF020
©2010 Greenliant Systems, Ltd.
S71152-13-000
05/10
FIGURE 3: Pin Assignments for 32-lead PLCC
FIGURE 4: Pin Assignments for 32-lead TSOP (8mm x 14mm)
1152 32-plcc P1.5
GLS27SF512
GLS27SF010/020
GLS27SF010/020
GLS27SF512
GLS27SF512
GLS27SF512
GLS27SF010/020
GLS27SF010
GLS27SF020
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A6
A5
A4
A3
A2
A1
A0
NC
DQ0
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A8
A9
A11
NC
OE#/VPP
A10
CE#
DQ7
DQ6
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
4
3
2
1
32 31 30
32-lead PLCC
Top View
14 15 16 17 18 19 20
1152 32-tsop P2.3
A11
A9
A8
A13
A14
NC
NC
VDD
NC
NC
A15
A12
A7
A6
A5
A4
NC
PGM#
VPP
A16
A17
PGM#
VPP
A16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#/VPP
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#
OE#
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Standard Pinout
Top View
Die Up
GLS27SF512 GLS27SF010
GLS27SF020
GLS27SF512
GLS27SF020 GLS27SF010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com