Electronic Components Datasheet Search
  English  ▼

X  

MITI-7 Datasheet(PDF) 2 Page - Littelfuse

Part # MITI-7
Description  7mm Ultra-Miniature Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MITI-7 Datasheet(HTML) 2 Page - Littelfuse

  MITI-7 Datasheet HTML 1Page - Littelfuse MITI-7 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
littelfuse.com
© 2020 Littelfuse
Revised: 10/30/20
Specifications are subject to change without notice.
Axial Lead Reed Switches
Low Power > MITI-7
Drop-Out vs. Pull-In Chart
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity & Packaging Code
Taping Width
Bulk
Bulk
2000
N/A
N/A
Product Characteristics
Operating Characteristics
Operate Time 1
-
0.5ms - max.
Release Time 1
-
0.2ms - max.
Shock 2
11ms 1∕2 sine wave
100G - max.
Vibration 2
50-2000 Hertz
30G - max.
Resonant Frequency
-
10kHz - typ.
Part Numbering System
Magnetic Characteristics
Pull-In Range 3
Ampere Turns
6-20
Rating Sensitivity 4
Ampere Turns
10
Test Coil
-
L4991
Notes:
1. Operate (including bounce)/Release Time - per EIA/NARM RS-421-A,diode suppressed coil (Coil I).
2. Shock and Vibration - per EIA/NARM RS-421-A and MIL-STD-202.
3. Pull-In Range - Contact Littelfuse for narrower AT ranges available.
4. Rating Sensitivity - The value at which contact ratings and operating characteristics are determined. Derating may be required below this value.
5. Custom modifications of forming and/or cutting of reed switches are available. Please contact Littelfuse.
Note: The chart represents the range of Drop-Out, minimum to maximum for a given Pull-In value.
MITI-7-6-10
Series
AT Range
6-10 AT
10-15 AT
15-20 AT
Example: 6-10 AT product is MITI-7-6-10
MITI-7 7mm Ultra-Miniature Reed Switch
0
5
10
15
20
25
05
10
15
20
25
Min.
Max.
Pull-In (AT, L4991 Coil)
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com