Electronic Components Datasheet Search
  English  ▼

X  

MITI-7 Datasheet(PDF) 1 Page - Littelfuse

Part # MITI-7
Description  7mm Ultra-Miniature Reed Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MITI-7 Datasheet(HTML) 1 Page - Littelfuse

  MITI-7 Datasheet HTML 1Page - Littelfuse MITI-7 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
littelfuse.com
© 2020 Littelfuse
Revised: 10/30/20
Specifications are subject to change without notice.
Axial Lead Reed Switches
Low Power > MITI-7
MITI-7 7mm Ultra-Miniature Reed Switch
Description
The MITI-7 ultra-miniature reed switch is a normally open switch with a 7mm x
1.8mm (0.276” x 0.071”) glass envelope, which is capable of switching 170Vdc at
10W. It has a sensitivity range of 6-20 AT. It has a high insulation resistance of
109 ohms minimum and low contact resistance of less than 150 milliohms.
The MITI-7 is also available in a surface mount version, that is, MISM-7.
Agency Approvals
Agency
Agency File Number
Ampere-Turns Range
E47258
6-20 AT
Switch Type
Contact Form
A (SPST-NO)
Materials
Body: Glass
Leads: Tin Plated Nickel Iron
Features
• Ultra-miniature, normally
open switch
• Capable of switching 170Vdc or
0.25A at up to 10W
• Available sensitivity range 6-20 AT
Benefits
• Hermetically sealed switch contacts
are not affected by and have no
effect on their external environment
• Very low space requirement
• Zero operating power required for
contact closure
• Excellent for switching micro-
controller logic level loads
• RoHS Compliant
Applications
• Position Sensing
• Security
• Meter Equipment
• Industrial Controls
• Office Equipment
• Telecoms
Dimensions
Dimensions in mm
Electrical Ratings
Contact Rating 1
-
Watt - max.
10
Voltage 3
Switching 2
Breakdown 4
Vdc - max.
Vac - max.
Vdc - min.
170
120
175
Current 3
Switching 2
Carry
Adc - max.
Aac - max.
Adc - max.
0.25
0.18
0.50
Resistance
Contact, Initial
Insulation
Ω - max.
Ω - min.
0.20
109
Capacitance
Contact
pF - typ.
0.3
Temperature
Operating
Storage 5
°C
°C
-40 to +125
-65 to +125
RoHS
20.19 REF.
(.795)
1.80 MAX.
(.071)
40.38 NOM.
(1.590)
15.20 MIN.
(.598)
7.00 MAX.
(.276)
0.38 DIA. REF.
(.015)
CL of Overlap
Note: SPST-NO = Single-pole, single-throw, normally open
Notes:
1. Contact rating - Product of the switching voltage and current should never exceed the wattage rating. Contact Littelfuse for additional load/life information.
2. When switching inductive and/or capacitive loads, the effects of transient voltages and/or currents should be considered. Refer to Application Notes AN108A and AN107 for details.
3. Electrical Load Life Expectancy - Contact Littelfuse with voltage, current values along with type of load.
4. Breakdown Voltage - per MIL-STD-202, Method 301.
5. Storage Temperature - Long time exposure at elevated temperature may degrade solderability of the leads.
Note: Contact Littelfuse for specific agency approval ratings.


Similar Part No. - MITI-7

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
MITI-3V1 HAMLIN-MITI-3V1 Datasheet
41Kb / 1P
Ultra-miniature normally open switch with 7.00mm x 1.80mm
logo
Littelfuse
MITI-3V1 LITTELFUSE-MITI-3V1 Datasheet
503Kb / 2P
Axial Lead Reed Switches
More results

Similar Description - MITI-7

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MS-104-1 RRE-MS-104-1 Datasheet
105Kb / 2P
Ultra-miniature Reed Sensor
R5-J-1 RRE-R5-J-1 Datasheet
100Kb / 2P
Ultra-Miniature SMD Reed Sensor
R5-S-1 RRE-R5-S-1 Datasheet
101Kb / 2P
Ultra-Miniature SMD Reed Sensor
MM-1018-L RRE-MM-1018-L Datasheet
103Kb / 1P
Micro-miniature Reed Switch
MO-1422-15-18 RRE-MO-1422-15-18 Datasheet
100Kb / 1P
Miniature Reed Switch
RM-1318-L RRE-RM-1318-L Datasheet
109Kb / 1P
Reduced-miniature Reed Switch
SM-1322-L RRE-SM-1322-L Datasheet
109Kb / 1P
Sub-miniature Reed Switch
UM-0018-M RRE-UM-0018-M Datasheet
119Kb / 1P
Ultra-miniature Reed Switch
logo
Littelfuse
MISM-3V1 LITTELFUSE-MISM-3V1 Datasheet
561Kb / 3P
MISM-3V1 7mm Surface Mount Reed Switch
MISM-7 LITTELFUSE-MISM-7 Datasheet
505Kb / 3P
7mm Surface Mount Reed Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com