Electronic Components Datasheet Search
  English  ▼

X  

SF301 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SF301
Description  Superfast Recovery Rectitiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SF301 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SF301 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SF301 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SF301 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CHARACTERISTICS
TO-251 SF301VS
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
300
400
500
V
Maximum RMS Voltage
VRMS
70
140
210
280
350
V
Maximum DC Blocking Voltage
VDC
100
200
300
400
500
V
Maximum Average Forward Rectified Current
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 3.0A DC
VF
V
J
=25℃
Maximum DC
Maximum DC Reverse Current
at Rated DC B
at Rated DC Blocking Voltage
J
=125℃
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃
/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
A
IR
0.95
-55 to +150
1.0
IFSM
A
120
-55 to +150
uA
I(AV)
45
25
300
3.0
SF302VS SF303VS SF304VS SF305VS SF306VS
600
420
600
1.25
1.70
Maximum Reverse Recovery Time(Note3)
35
Trr
ns
SF301DS SF302DS SF303DS SF304DS SF305DS SF306DS
TO-252
2.Mounted on 10cm x 10cm x 1mm copper pad area
3.Reverse Recovery Test Conditions:IF=0.5A,IR=1A,Irr=0.25A
FEATURES
High current capability
Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
Mounting position: any
TO-251(I-PAK)
TO-252(D-PAK)
Superfast Recovery Rectitiers
SF301 THRU SF306
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
http://www.trr-jx.com
version: 02


Similar Part No. - SF301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF301 WTE-SF301 Datasheet
47Kb / 3P
3.0A SOFT FAST RECOVERY RECTIFIER
logo
Bytes
SF301 BYTES-SF301 Datasheet
166Kb / 2P
30.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF301 DCCOM-SF301 Datasheet
524Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Diodes Incorporated
SF301 DIODES-SF301 Datasheet
63Kb / 3P
30A SUPER-FAST RECTIFIER
DS24007 Rev. D-3
logo
Formosa MS
SF301 FORMOSA-SF301 Datasheet
39Kb / 2P
30.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF301

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ER201G JUXING-ER201G Datasheet
811Kb / 2P
Superfast Recovery Rectitiers
SF31G JUXING-SF31G Datasheet
680Kb / 2P
Superfast Recovery Rectitiers
SF51 JUXING-SF51 Datasheet
569Kb / 2P
Superfast Recovery Rectitiers
SF21G JUXING-SF21G Datasheet
788Kb / 2P
Superfast Recovery Rectitiers
SF501 JUXING-SF501 Datasheet
1Mb / 3P
Superfast Recovery Rectitiers
SF508 JUXING-SF508 Datasheet
3Mb / 3P
Superfast Recovery Rectitiers
SF31 JUXING-SF31_18 Datasheet
707Kb / 2P
Superfast Recovery Rectitiers
SF51 JUXING-SF51_18 Datasheet
641Kb / 2P
Superfast Recovery Rectitiers
SFA06 JUXING-SFA06_15 Datasheet
1Mb / 2P
Superfast Recovery Rectitiers
DS601 JUXING-DS601 Datasheet
2Mb / 3P
Superfast Recovery Rectitiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com