Electronic Components Datasheet Search
  English  ▼

X  

SF301 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SF301
Description  Superfast Recovery Rectitiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SF301 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SF301 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SF301 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SF301 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.1
1.0
10
0.01
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
100V~200V
300V~400V
500V~600V
160
140
120
100
80
60
40
20
1
2
5
10
20
50
100
8.3ms Single Half Since-Wave
JEDEC Method
1000
100
10
1.0
0.1
20
40
60
80
100
120
TJ
O
= 125 C
O
J
T= 25 C
1
2
5 10 20
50 100
80
70
60
50
40
30
0
200 500
CASE TEMPERATURE,
oC
25
75
100
125
150
1
50
4
175
3
0
0
2
RESISTIVE OR INDUCTIVE LOAD
5
http://www.trr-jx.com
version: 02
Superfast Recovery Rectitiers
SF301 THRU SF306
Characteristic Curves (TA=25 ℃ unless otherwise noted)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com