Electronic Components Datasheet Search
  English  ▼

X  

FTD8201 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FTD8201
Description  White LED Step-up Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8201 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FTD8201 Datasheet HTML 2Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 3Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 4Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 9Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 10Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
FTD8201
2014. 01. 04
8/10
Revision No : 0
ILED(mA)
RFB Value(Ω)
5
20.8
10
10.4
15
6.93
20
5.1
Function Description
Driving Capability
Inductor Selections
Capacitor Selection
The small size of ceramic capacitors makes them ideal for
FTD8201 applications. X5R and X7R types are recommended
because they retain their capacitance over wider voltage
and temperature ranges than other types such as Y5V or
Z5U. A 1μ F input capacitor and a 0.22 μ F output capacitor
are sufficient for most FTD8201 applications.
Diodes Selection
Schottky diodes, with their low forward voltage drop and
fast reverse recovery, are the ideal choices for FTD8201
applications. The forward voltage drop of a Schottky diode
represents the conduction losses in the diode, while the
diode capacitance (CT or CD) represents the switching losses.
For diode selection, both forward voltage drop and diode
capacitance need to be considered. Schottky diodes with
higher current ratings usually have lower forward voltage
drop and larger diode capacitance, which can cause
significant switching losses at the 1.25MHz switching
PARTNUMBER
DCR(Ω) CURRENT RATING(mA)MANUFACTURER
LQH3C220
0.71
250
MURATA
CDRH3D16-220
0.53
350
SUMIDA
LB2012B220M
1.7
75
TAIYO YUDEN
LEM2520-220
5.5
125
TAIYO YUDEN
EJPC220KF
4.0
160
PANASONIC
frequency of the FTD8201. A Schottky diode rated at 100mA to
200mA is sufficient for most FTD8201 applications.Some
recommended Schottky diodes are listed in the following
table:
LED Current Control
The LED current is controlled by the feedback resistor. The
feedback reference is 104mV. The LED current is 104mV/Rfb.
In order to have accurate LED current, precision resistors are
preferred (1% is recommended). The formula and table for
RFB selection are shown below
Open Circuit Protection
Open circuit protection will shut off the FTD8201 if the output
voltage goes too high when the OV pin is tied to the output.
In some cases an LED may fail, which will result in the
feedback voltage always being zero. The FTD8201 will then
switch at its maximum duty cycle boosting the output voltage
higher and higher. By connecting the OV pin to the top of the
LED string the FTD8201 checks this condition and if the output
ever exceeds 20V, the FTD8201 will shut down. The part will
not switch again until the power is recycled.
PART
NUMBER
FORWARD
CURRENT
(
mA)
VOLTAGE DROP
(
V)
DIODE
CAPACITAN
CE
MANUFACTURER
CMDSH-3
100
0.58@100mA 7.0@10V
Central
CMDSH2-3
200
0.49@200mA 15@10v
Central
BAT54
200
0.53@100mA 10@25v
Zetex



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com