Electronic Components Datasheet Search
  English  ▼

X  

FTD8201 Datasheet(PDF) 9 Page - First Silicon Co., Ltd

Part # FTD8201
Description  White LED Step-up Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8201 Datasheet(HTML) 9 Page - First Silicon Co., Ltd

Back Button FTD8201 Datasheet HTML 2Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 3Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 4Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 9Page - First Silicon Co., Ltd FTD8201 Datasheet HTML 10Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FTD8201
2014. 01. 04
9/10
Revision No : 0
Function Description(Cont.)
Dimming Control
There are three different types of dimming control circuits:
1. Using a DC Voltage
For some applications, the preferred method of brightness
control is a variable DC voltage to adjust the LED current.
The dimming control using a DC voltage is shown in Figure
3. As the DC voltage increases, the voltage drop on R2
increases and the voltage drop on R1 decreases. Thus, the
LED current decreases. The selection of R2 and R3 will
make the current from the variable DC source much smaller
than the LED current and much larger than the FB pin bias
2. Using a PWM Signal to EN Pin
With the PWM signal applied to the EN pin, the FTD8201 is
turned on or off by the PWM signal. The LEDs operate at either
zero or full current. The average LED current increases
proportionally with the duty cycle of the PWM signal. A 0%
duty cycle corresponds to zero LED current. A 100% duty cycle
corresponds to full current. The frequency range of the PWM
signal should be up to 100KHz
3. Using a Filtered PWM Signal
The filtered PWM signal can be considered as an adjustable
DC voltage. It can be used to replace the variable DC voltage
source in dimming control.
Board Layout Consideration
As with all switching regulators, careful attention must be
paid to the PCB board layout and component placement. To
maximize efficiency, switch rise and fall times are made as
short as possible. To prevent electromagnetic interference
(EMI) problems, proper layout of the high frequency
switching path is essential. The voltage signal of the SW pin
has sharp rise and fall edges. Minimize the length and area of
all traces connected to the SW pin and always use a ground
plane under the switching regulator to minimize interplane
coupling. In addition, the ground connection for the feedback
resistor R1 should be tied directly to the GND pin and not
shared with any other component, ensuring a clean,
noise-free connection.
FTD8201
FTD8201
FTD8201



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com