Electronic Components Datasheet Search
  English  ▼

X  

FTD8210 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTD8210
Description  High Efficiency 1.5MHz, Step Up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8210 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTD8210 Datasheet HTML 1Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 2Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 3Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 4Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2014. 01. 04
4/15
Revision No : 0
FTD8210
A
e
xi
i g
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability
co
Op
Co d
C
e
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
220
oC/W
θ
JC
Junction-to-Case Resistance
120
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com