Electronic Components Datasheet Search
  English  ▼

X  

FTD8210 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTD8210
Description  High Efficiency 1.5MHz, Step Up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8210 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTD8210 Datasheet HTML 1Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 2Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 3Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 4Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8210 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2014. 01. 04
2/15
Revision No : 0
FTD8210
C
Figure 2 Pin Configuration of FTD8210(Top View)
i
i io
Pin Number
Pin Name
Description
1
LX
Switch pin. Connect this pin to inductor/diode here.
2
GDN
GND
3
FB
Feedback Input. The device senses feedback voltage via FB and regulate the voltage at
1.23V. Connecting FB wi th a resistor-divider from the output that sets the output voltage.
4
EN
Enable Control Input. Forcing this pin above 1.0V enables the device. Forcing this pin
below 0.4V to shut it down. In shutdown, all functions are disabled to decrease the supply
current below 1uA. Do not left this pin floating.
5
IN
Main Supply Pin. Must be closely decoupled to GND with a 2.2uF or greater ceramic
capacitor.
O
g
o
o
FTD8210 □
□
Circuit Type
Packing:
Blank:Tube
T:
R:Type and Reel
SOT23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com