Electronic Components Datasheet Search
  English  ▼

X  

FTD8228 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTD8228
Description  High Efficiency 1MHz, 2A Step Up Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8228 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTD8228 Datasheet HTML 1Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 2Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 3Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 4Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2014. 01. 04
4/12
Revision No : 0
FTD8228
Absolute Maximum Ratings
EN, VDD, LX--------------------------------------------------------------------------------------------------------------------------7V
FB-------------------------- --------------------------------------------------------------------------------------------------------3.6V
Power Dissipation, PD @ TA = 25°C, SOT23-6 -------------------------------------------------------------------------- 0.6W
Package Thermal Resistance (Note 2)
SOT23-6, θJA ---------------------------------------------------------------------------------------------------------------- 200°C/W
SOT23-6, θJC ---------------------------------------------------------------------------------------------------------------- 130°C/W
Junction Temperature Range ----------------------------------------------------------------------------------------------- 125°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------------ 260°C
Storage Temperature Range -------------------------------------------------------------------------------------
-65°C to 150°C
Recommended Operating Conditions
VDD pin-------------------------- ----------------------------------------------------------------------------------------- 2V to 6V
FB----------------------------------------------- ---------------------------------------------------------------------------- 0V to 1V
Junction Temperature Range ------------------------------------------------------------------------------------ -40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com