Electronic Components Datasheet Search
  English  ▼

X  

FTD8228 Datasheet(PDF) 11 Page - First Silicon Co., Ltd

Part # FTD8228
Description  High Efficiency 1MHz, 2A Step Up Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8228 Datasheet(HTML) 11 Page - First Silicon Co., Ltd

Back Button FTD8228 Datasheet HTML 4Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 9Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 10Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 11Page - First Silicon Co., Ltd FTD8228 Datasheet HTML 12Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
FTD8228
2014. 01. 04
11/12
Revision No : 0
The schottky diode reverse breakdown voltage should
be larger than the output voltage
Current Limit Program
:
A resistor between OC and GND pin programs peak switch
current.The resistor value should be between 26K and
240K.The current limit will be set from 0.5A to 4.5A.Keep
traces at this pin as short as possible.Do not put capacitance
at this pin. To set the over current trip point according to the
following equation:
Iocp=120000/R
Layout Design:
The layout design of FTD8228 regulator is relatively
simple. For the best efficiency and minimum noise
problems, we should place the following components
close to the IC: CIN, L, R1 and R2.
1) It is desirable to maximize the PCB copper area
connecting to GND pin to achieve the best thermal and
noise performance. If the board space allowed, a
ground plane is highly desirable.
2) CIN must be close to Pins IN and GND. The loop
area formed by CIN and GND must be minimized.
.
3) The PCB copper area associated with LX pin must
be minimized to avoid the potential noise problem.
4) The components R1 and R2, and the trace
connecting to the FB pin must NOT be adjacent to the
LX net on the PCB layout to avoid the noise problem.
5) If the system chip interfacing with the EN pin has a
high impedance state at shutdown mode and the IN pin
is connected directly to a power source such as a Li-Ion
battery, it is desirable to add a pull down 1Mohm
resistor between the EN and GND pins to prevent the
noise from falsely turning on the regulator at shutdown
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com