Electronic Components Datasheet Search
  English  ▼

X  

P0080SC Datasheet(PDF) 4 Page - HuaXinAn Electronics CO.,LTD

Part # P0080SC
Description  Thyristor Surge Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P0080SC Datasheet(HTML) 4 Page - HuaXinAn Electronics CO.,LTD

  P0080SC Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P0080SC Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P0080SC Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P0080SC Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P0080SC Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD P0080SC Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P0080SA Thru P3500SC
Surge Ratings
Series
Ipp
2x10µs
Ipp
8x20µs
Ipp
10x160µs
Ipp
10x560µs
Ipp
10x1000µs
Ipp
5x320µs
Ipp
5x310µs
Ipp
10x360µs
ITSM
50/60Hz
di/dt
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
A
150
150
90
50
45
75
75
75
20
500
B
250
250
150
100
80
100
100
125
25
500
C
500
400
200
150
100
200
200
175
30
500
Thermal Considerations
Package DO-214AA/SMB
Symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Junction to Ambient on prited circuit
90
°C /W
Description of Part Number
P 0080 S B
Ipp Rating(10x1000µs)A=45A B=80A C=100A
Package Type(DO-214AA)
Median Voltage
P= Thyristor Surge Suppressors
Specifications are subject to change without notice
4
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com