Electronic Components Datasheet Search
  English  ▼

X  

P0080SC Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # P0080SC
Description  Thyristor Surge Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

P0080SC Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  P0080SC Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD P0080SC Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD P0080SC Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD P0080SC Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD P0080SC Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD P0080SC Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P0080SA Thru P3500SC
Electrical Characteristics
Part Number Marking
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
Min
IS
Max
IT
Max
Capacitance
@1MHz,2V bias
Safety
Certification
Delivery Time
V min
V max
mA
mA
A
pF
UL
in stock Produce
P0080SA P008A
6
25
50
800
2.2
45
√
4days
7days
P0300SA
P03A
25
40
50
800
2.2
45
√
4days
7days
P0640SA
P06A
58
77
150 800
2.2
35
√
4days
7days
P0720SA
P07A
65
88
150 800
2.2
50
√
4days
20days
P0900SA
P09A
75
98
150 800
2.2
40
√
4days
20days
P1100SA
P11A
90
130
150 800
2.2
35
√
4days
30days
P1300SA
P13A
120
160
150 800
2.2
35
√
1day
12days
P1500SA
P15A
140
180
150 800
2.2
40
√
-
-
P1800SA
P18A
170
220
150 800
2.2
40
√
4days
15days
P2100SA
P21A
180
240
150 800
2.2
40
-
-
-
P2300SA
P23A
190
260
150 800
2.2
45
√
4days
7days
P2600SA
P26A
220
300
150 800
2.2
35
√
4days
15days
P3100SA
P31A
275
350
150 800
2.2
35
√
4days
7days
P3500SA
P35A
320
400
150 800
2.2
30
√
4days
7days
P0080SB P008B
6
25
50
800
2.2
60
√
1day
4days
P0300SB
P03B
25
40
50
800
2.2
65
√
4days
4days
P0640SB
P06B
58
77
150 800
2.2
45
√
4days
4days
P0720SB
P07B
65
88
150 800
2.2
45
√
4days
20days
P0900SB
P09B
75
98
150 800
2.2
40
√
4days
20days
P1100SB
P11B
90
130
150 800
2.2
40
√
-
-
P1300SB
P13B
120
160
150 800
2.2
40
√
4days
15days
P1500SB
P15B
140
180
150 800
2.2
35
√
4days
25days
P1800SB
P18B
170
220
150 800
2.2
65
√
-
-
P2100SB
P21B
180
240
150 800
2.2
60
-
-
-
Specifications are subject to change without notice
2
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com