Electronic Components Datasheet Search
  English  ▼

X  

SAWS1566A Datasheet(PDF) 16 Page - Seoul Semiconductor

Part # SAWS1566A
Description  Natural light closest to the sunlight
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWS1566A Datasheet(HTML) 16 Page - Seoul Semiconductor

Back Button SAWS1566A Datasheet HTML 12Page - Seoul Semiconductor SAWS1566A Datasheet HTML 13Page - Seoul Semiconductor SAWS1566A Datasheet HTML 14Page - Seoul Semiconductor SAWS1566A Datasheet HTML 15Page - Seoul Semiconductor SAWS1566A Datasheet HTML 16Page - Seoul Semiconductor SAWS1566A Datasheet HTML 17Page - Seoul Semiconductor SAWS1566A Datasheet HTML 18Page - Seoul Semiconductor SAWS1566A Datasheet HTML 19Page - Seoul Semiconductor SAWS1566A Datasheet HTML 20Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
Rev1.1, August 5, 2019
www.seoulsemicon.com
SAWS1566A
– Chip on Board
Product Data Sheet
Mechanical Dimensions
Notes :
1.
All dimensions are in millimeters.
2.
Not to scale
3.
Undefined tolerance is ±0.2mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com