Electronic Components Datasheet Search
  English  ▼

X  

SAWS1566A Datasheet(PDF) 21 Page - Seoul Semiconductor

Part # SAWS1566A
Description  Natural light closest to the sunlight
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWS1566A Datasheet(HTML) 21 Page - Seoul Semiconductor

Back Button SAWS1566A Datasheet HTML 16Page - Seoul Semiconductor SAWS1566A Datasheet HTML 17Page - Seoul Semiconductor SAWS1566A Datasheet HTML 18Page - Seoul Semiconductor SAWS1566A Datasheet HTML 19Page - Seoul Semiconductor SAWS1566A Datasheet HTML 20Page - Seoul Semiconductor SAWS1566A Datasheet HTML 21Page - Seoul Semiconductor SAWS1566A Datasheet HTML 22Page - Seoul Semiconductor SAWS1566A Datasheet HTML 23Page - Seoul Semiconductor SAWS1566A Datasheet HTML 24Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Rev1.1, August 5, 2019
www.seoulsemicon.com
SAWS1566A
– Chip on Board
Product Data Sheet
Precaution for Use
(1) Storage
To avoid the moisture penetration, we recommend storing LEDs in a dry box with a desiccant . The
recommended storage temperature range is 5℃ to 30℃ and a maximum humidity of RH50%.
(2) Use Precaution after Opening the Packaging
Use SMT techniques properly when you solder the LED as separation of the lens may affect the light
output efficiency.
Pay attention to the following:
a. Recommend conditions after opening the package
- Sealing / Temperature : 5 ~ 40℃ Humidity : less than RH30%
b. If the package has been opened more than 4 week(MSL_2a) or the color of the
desiccant changes, components should be dried for 10-12hr at 60±5℃
(3) Radioactive exposure is not considered for the products listed here in.
(4) Gallium arsenide is used in some of the products listed in this publication. These products are
dangerous if they are burned or shredded in the process of disposal. It is also dangerous to drink the
liquid or inhale the gas generated by such products when chemically disposed of.
(5) This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA (Isopropyl Alcohol) should be used.
(6) When the LEDs are in operation the maximum current should be decided after measuring the
package temperature.
(7) LEDs must be stored in a clean environment. We recommend LEDs store in nitrogen-filled
container.
(8) The appearance and specifications of the product may be modified for improvement without
notice.
(9 Long time exposure of sunlight or occasional UV exposure will cause lens discoloration.
(10) Attaching LEDs, do not use adhesive that outgas organic vapor.
(11) The driving circuit must be designed to allow forward voltage only when it is ON or OFF. If the
reverse voltage is applied to LED, migration can be generated resulting in LED damage.
(12) Please do not touch any of the circuit board, components or terminals with bare hands or metal
while circuit is electrically active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com