Electronic Components Datasheet Search
  English  ▼

X  

FTK55P30D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK55P30D
Description  P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK55P30D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK55P30D Datasheet HTML 1Page - First Silicon Co., Ltd FTK55P30D Datasheet HTML 2Page - First Silicon Co., Ltd FTK55P30D Datasheet HTML 3Page - First Silicon Co., Ltd FTK55P30D Datasheet HTML 4Page - First Silicon Co., Ltd FTK55P30D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2018. 04. 02
1/5
SEMICONDUCTOR
TECHNICAL DATA
FTK55P30D
Revision No : 2
FTK55P30D
P-Channel Power MOSFET
D-PAK (TO-252)
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6 50 ± 0 2
5 60 ± 0 2
5 20 ± 0 2
1 50 ± 0 2
2 70 ± 0 2
2 30 ± 0 1
1 00 MAX
2 30 ± 0 2
0 5 ± 0 1
0 50 ± 0 10
E
1 6 ± 0 2
O
A
C
I
J
H
F
F
L
1
2
3
1 GATE
2 DRAIN
3 SOURCE
0 95 MAX
Q
DESCRIPTION
The FTK55P30D uses advanced trench technology and design to
provide excellent RDS(ON) with low gate charge.
This device is well suited for high current load applications.
FEATURES
High density cell design for ultra low
RDS(ON)
Fully characterized Avalanche voltage and current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
APPLICATIONS
Power switching application
Hard switched and high frequency circuits
Uninterruptible Power Supply
EQUIVALENT CIRCUIT
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
Excellent package for good heat dissipation
t
i
n
U
t
i
m
i
L
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
n
i
a
r
D
DS
-55
V
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
e
t
a
G
GS
±20
V
I
t
n
e
r
r
u
C
n
i
a
r
D
s
u
o
u
n
i
t
n
o
C
D
-30
A
I
t
n
e
r
r
u
C
n
i
a
r
D
d
e
s
l
u
P
DM
-120
A
E
y
g
r
e
n
E
e
h
c
n
a
l
a
v
A
d
e
s
l
u
P
e
l
g
n
i
S
AS
(1)
225
mJ
PD (Tc=25℃)
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
65
W
R
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
m
o
r
f
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θJA
℃/W
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
J
150
℃
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
-55 ~+150
℃
Lead Temperature for Soldering Purposes(1/8’’ from case for 10s)
L
260
℃
(1) EAS condition: VDD=-25V,L=0.5mH, RG=25Ω, Starting TJ = 25°C
T
MARKING
NCE55P30K= Part No.
XXXX=Date Code
PD (Ta=25℃)
2.2
W
(Note 4a)
56


Similar Part No. - FTK55P30D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK55P30F FS-FTK55P30F Datasheet
379Kb / 5P
P-Channel Power MOSFET
More results

Similar Description - FTK55P30D

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com