Electronic Components Datasheet Search
  English  ▼

X  

FTK65T360F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK65T360F
Description  N-Channel Super Junction Power MOS FE T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK65T360F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK65T360F Datasheet HTML 1Page - First Silicon Co., Ltd FTK65T360F Datasheet HTML 2Page - First Silicon Co., Ltd FTK65T360F Datasheet HTML 3Page - First Silicon Co., Ltd FTK65T360F Datasheet HTML 4Page - First Silicon Co., Ltd FTK65T360F Datasheet HTML 5Page - First Silicon Co., Ltd FTK65T360F Datasheet HTML 6Page - First Silicon Co., Ltd FTK65T360F Datasheet HTML 7Page - First Silicon Co., Ltd FTK65T360F Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel Super Junction Power MOSFET
General Description
The
series of devices use advanced trench gate super
junction technology and design to provide excellent RDS(ON)
with low gate charge. This super junction MOSFET fits the
industry’s AC-DC SMPS requirements for PFC, AC/DC
power conversion, and industrial power applications.
Features
● New technology for high voltage device
● Low on-resistance and low conduction losses
● Small package
● Ultra Low Gate Charge cause lower driving requirements
● 100% Avalanche Tested
● ROHS compliant
Application
●
Power factor correction(PFC)
●
Switched mode power supplies(SMPS)
●
Uninterruptible Power Supply(UPS)
VDS
650
V
RDS(ON)TYP
300
m
Ω
ID
11.5
A
Table 1.
Absolute Maximum Ratings (TC=25°C)
Schematic diagram
2018. 05. 21
1/8
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTK65T360DD/F/P
Package Marking And Ordering Information
Device
Device Package
Marking
FTK65T360DD
TO-263
NCE65T360D
FTK65T360P
TO-220
TO-263
TO-220
TO-220F
NCE65T360
FTK65T360F
TO-220F
NCE65T360F
Parameter
Symbol
Unit
Drain-Source Voltage (
VGS=0V)
VDS
650
V
Gate-Source Voltage (
VDS=0V) AC (f>1 Hz)
VGS
±30
V
ContinuousDrain Current at Tc=25℃
ID (DC)
11.5
11.5*
A
ContinuousDrain Current at Tc=100℃
ID (DC)
7
7*
A
Pulsed drain current
(Note 1)
IDM (pluse)
46
46*
A
Maximum Power Dissipation (Tc=25℃)
Derate above 25℃
PD
101
0.81
32.6
0.26
W
W/
°C
Single pulse avalanche energy
(Note 2)
EAS
144
mJ
Avalanche current
(Note 1)
IAR
6
A
Repetitive Avalanche energy ,tAR limited by Tjmax
(Note 1)
EAR
0.5
mJ
FTK65T360DD
FTK65T360P
FTK65T360F


Similar Part No. - FTK65T360F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK65T360I FS-FTK65T360I Datasheet
698Kb / 7P
N-Channel Super Junction Power MOSFET
FTK65T360K FS-FTK65T360K Datasheet
698Kb / 7P
N-Channel Super Junction Power MOSFET
More results

Similar Description - FTK65T360F

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE60R2K2I NCEPOWER-NCE60R2K2I Datasheet
608Kb / 8P
N-Channel Super Junction Power MOSFET
NCE70R2K2I NCEPOWER-NCE70R2K2I Datasheet
607Kb / 8P
N-Channel Super Junction Power MOSFET
NCE70R360D NCEPOWER-NCE70R360D Datasheet
673Kb / 10P
N-Channel Super Junction Power MOSFET
NCE80R1K2I NCEPOWER-NCE80R1K2I Datasheet
601Kb / 8P
N-Channel Super Junction Power MOSFET
NCE65R1K2 NCEPOWER-NCE65R1K2 Datasheet
667Kb / 10P
N-Channel Super Junction Power MOSFET
NCE70R900I NCEPOWER-NCE70R900I Datasheet
603Kb / 8P
N-Channel Super Junction Power MOSFET
logo
Rectron Semiconductor
RM5N650IP RECTRON-RM5N650IP Datasheet
525Kb / 8P
N-Channel Super Junction Power MOSFET
RM5N700IP RECTRON-RM5N700IP Datasheet
974Kb / 8P
N-Channel Super Junction Power MOSFET
RM12N500T2 RECTRON-RM12N500T2 Datasheet
1Mb / 8P
N-Channel Super Junction Power MOSFET
logo
First Silicon Co., Ltd
FTK65T540I FS-FTK65T540I Datasheet
726Kb / 7P
N-Channel Super Junction Power MOS FE T
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com