Electronic Components Datasheet Search
  English  ▼

X  

FTK2302 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK2302
Description  20V N-Channel Enhancement-Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2302 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK2302 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2302 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2302 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2302 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2012.08.27
4/4
FTK2302
Revision No : 0
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M,1982
2. CONTROLLING DIMENSION: INCH.
SOT -23
D
J
K
L
A
C
B S
H
G
V
1
2
3
mm
inches
0 037
0 95
0 037
0 95
0 079
2 0
0 035
0 9
0 031
0 8
INCHES
MILLIMETERS
DIM
A
B
C
D
G
H
J
K
L
S
V
MIN
0.1102
0.0472
0.0350
0.0150
0.0701
0.0005
0.0034
0.0140
0.0350
0.0830
0.0177
MAX
0.1197
0.0551
0.0440
0.0200
0.0807
0.0040
0.0070
0.0285
0.0401
0.1039
0.0236
MIN
2.80
1.20
0.89
0.37
1.78
0.013
0.085
0.35
0.89
2.10
0.45
MAX
3.04
1.40
1.11
0.50
2.04
0.100
0.177
0.69
1.02
2.64
0.60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com