Electronic Components Datasheet Search
  English  ▼

X  

FTK2302 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK2302
Description  20V N-Channel Enhancement-Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2302 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK2302 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2302 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2302 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2302 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2012.08.27
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK2302
Revision No : 0
D
G
S
DESCRIPTION
The FTK2302 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 2.5V. This device is suitable
for use as a Battery protection or in other Switching
application.
Schematic diagram
GENERAL FEATURES
● V
= 20V,I
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
N02
FTK2302
SOT-23
Ø180mm
8 mm
3000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±8
V
ID (25℃)
2.4
A
ID (70℃)
1.7
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
10
A
Maximum Power Dissipation
PD
0.9
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
140
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250
μA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±8V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250
μA
0.65
0.95
1.2
V
DS
D = 2.4A
1
3
2
G
D
S
N02
< 115m
Ω @ V
RDS(ON)
GS=2.5V
< 60m
Ω @ V
RDS(ON)
GS=4.5V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package
Marking and pin Assignment
Application
●Battery protection
●Load switch
●Power management
SOT-23 top view
20V N-Channel Enhancement-Mode MOSFET
● We declare that the material of product are Halogen Free and compliance with RoHS requirements.


Similar Part No. - FTK2302

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK2301 FS-FTK2301 Datasheet
290Kb / 4P
20V P-Channel Enhancement-Mode MOSFET
FTK2301E FS-FTK2301E Datasheet
459Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
FTK2301PP FS-FTK2301PP Datasheet
566Kb / 5P
20V Dual P-Channel MOSFET
FTK2303 FS-FTK2303 Datasheet
369Kb / 4P
P-Channel 30V(D-S) MOSFET
FTK2304 FS-FTK2304 Datasheet
311Kb / 4P
The FTK2304 uses advanced trench technology to
More results

Similar Description - FTK2302

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com